Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16DR10 Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # 16DR10
Description  Glass Passivated Standard Recovery Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

16DR10 Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  16DR10 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 16DR10 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 16DR10 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 16DR10 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 16DR10 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Fig. 5 Maximum Non-Repetitive Surge Current
Fig. 6 Forward Voltage Drop Characteristics
Fig.7 Maximum Non-Repetitive Surge Current
Fig.8 Thermal Impedance ZthJC Characteristics
1
10
100
1
0
1
0.1
0.01
Number Of Equal Amplitude Half Cycle current Pulses(N)
Instantaneous Forward Voltage (V)
Pulse Train Duration (S)
Square Wave Pulse Duration (s)
ORDERING INFORMATION TABLE
1
-
Current rating: Code = IF(AV)
2
-
D = Standard recovery device
3
-
None = Stud normal polarity (cathode to stud)
4
R = Stud reverse polarity (anode to stud)
Device code
D
M
16
R
12
1
2
3
4
5
5
-
Voltage code
× 100 = VRRM (see Voltage Ratings table)
-
None = Stud base DO-203AA (DO-4) #10-32 UNF-2A
M = Stud base DO-203AA (DO-4) M5
×0.8 (not available
for avalanche diodes)
125
150
175
200
225
250
275
300
325
2
3
4
5
6
10
100
1000
1
125
150
175
200
225
250
275
300
325
350
0.001
10
0.1
1
0.01
0.1
1
10
Initial T = 175°C
J
@60 Hz 0.0083 s
@50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated VRRM Applied Following Surge.
16D(R)Series
16D(R)Series
T = 175°C
J
T = 25°C
J
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration
Initial T = 175°C
J
No Voltage Reapplied
Rated VRRM Reapplied
16D(R)Series
Steady State Value
(DC Operation)
RthJC = 1.6K/W
16D(R)Series
Page 4 of 5
www.nellsemi.com
SEMICONDUCTOR
RoHS
RoHS
16D(R)Series
Nell High Power Products



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com