Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3188 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP3188
Description  6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3188 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP3188 Datasheet HTML 9Page - Analog Devices ADP3188 Datasheet HTML 10Page - Analog Devices ADP3188 Datasheet HTML 11Page - Analog Devices ADP3188 Datasheet HTML 12Page - Analog Devices ADP3188 Datasheet HTML 13Page - Analog Devices ADP3188 Datasheet HTML 14Page - Analog Devices ADP3188 Datasheet HTML 15Page - Analog Devices ADP3188 Datasheet HTML 16Page - Analog Devices ADP3188 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADP3188
Rev. A | Page 13 of 28
OUTPUT CROWBAR
As part of the protection for the load and output components
of the supply, the PWM outputs are driven low (turning on the
low-side MOSFETs) when the output voltage exceeds the upper
crowbar threshold. This crowbar action stops once the output
voltage falls below the release threshold of approximately 550 mV.
Turning on the low-side MOSFETs pulls down the output as the
reverse current builds up in the inductors. If the output over-
voltage is due to a short in the high-side MOSFET, this action
current-limits the input supply or blows its fuse, protecting the
microprocessor from being destroyed.
OUTPUT ENABLE AND UVLO
For the ADP3188 to begin switching, the input supply (VCC)
to the controller must be higher than the UVLO threshold, and
the EN pin must be higher than its logic threshold. If UVLO is
less than the threshold or the EN pin is a logic low, the ADP3188
is disabled. This holds the PWM outputs at ground, shorts the
DELAY capacitor to ground, and holds the ILIMIT pin at ground.
In the application circuit, the ILIMIT pin should be connected
to the OD pins of the ADP3418 drivers. The ILIMIT being
grounded disables the drivers such that both DRVH and DRVL
are grounded. This feature is important in preventing the dis-
charge of the output capacitors when the controller is shut off.
If the driver outputs were not disabled, a negative voltage could
be generated during output due to the high current discharge of
the output capacitors through the inductors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com