Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3188 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP3188
Description  6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3188 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP3188 Datasheet HTML 17Page - Analog Devices ADP3188 Datasheet HTML 18Page - Analog Devices ADP3188 Datasheet HTML 19Page - Analog Devices ADP3188 Datasheet HTML 20Page - Analog Devices ADP3188 Datasheet HTML 21Page - Analog Devices ADP3188 Datasheet HTML 22Page - Analog Devices ADP3188 Datasheet HTML 23Page - Analog Devices ADP3188 Datasheet HTML 24Page - Analog Devices ADP3188 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ADP3188
Rev. A | Page 21 of 28
A type-three compensator on the voltage feedback is adequate
for proper compensation of the output filter. Equations 25 to 29
yield an optimal starting point for the design; some adjustments
may be necessary to account for PCB and component parasitic
effects (see the section).
The first step is to compute the time constants for all of the
poles and zeros in the system
(
)
VID
O
X
RT
VID
RT
L
DS
D
O
E
V
R
C
n
V
D
n
L
V
V
R
R
A
R
n
R
×
×
×
×
×
−
×
×
+
×
+
×
+
×
=
1
2
(
)
Ω
m
24.2
V
1.3
Ω
m
1
mF
4.45
4
V
0.49
0.432
1
nH
320
2
V
1.3
V
0.49
Ω
m
1.4
Ω
m
2.4
5
Ω
m
1
4
=
×
×
×
×
−
×
×
+
×
+
×
+
×
=
E
R
(25)
()
()
µs
2.50
Ω
m
10.63
Ω
m
0.65
Ω
m
1
Ω
m
1
pH
350
Ω
m
0.5
Ω
m
1
mF
4.45
=
−
×
+
−
×
=
′
−
×
+
′
−
×
=
X
O
O
X
O
X
A
R
R
R
R
L
R
R
C
T
(26)
()
(
)
ns
580
mF
4.45
Ω
m
1
Ω
m
0.5
Ω
m
0.63
=
×
−
+
=
×
−
′
+
=
X
O
X
B
C
R
R
R
T
(27)
µs
4.7
Ω
m
24.2
V
1.3
kHz
330
2
Ω
m
2.4
5
nH
320
V
0.49
2
=
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
−
×
=
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
−
×
=
E
VID
SW
DS
D
RT
C
R
V
f
R
A
L
V
T
(28)
()
(
)
()
ns
333
Ω
m
1
µF
180
Ω
m
0.5
Ω
m
1
mF
4.45
Ω
m
1
µF
180
mF
4.45
'
2
2
=
×
+
−
×
×
×
=
×
+
−
×
×
×
=
O
Z
O
X
O
Z
X
D
R
C
R
R
C
R
C
C
T
(29)
where, for the ADP3188, R' is the PCB resistance from the
bulk capacitors to the ceramics and where RDS is the total low-
side MOSFET on resistance per phase. In this example, AD is 5,
VRT equals 0.49 V, R' is approximately 0.5 mΩ (assuming a
4-layer, 1 ounce motherboard), and LX is 350 pH for the eight
Al-Poly capacitors.
The compensation values can then be solved using the following:
pF
342
Ω
k
1.21
Ω
m
24.2
µs
2.50
Ω
m
1
4
=
×
×
×
=
×
×
×
=
CA
R
R
T
R
n
C
B
E
A
O
A
(30)
Ω
k
13.7
pF
342
µs
4.7
=
=
=
A
C
A
C
T
R
(31)
nF
479
Ω
k
1.21
ns
580
=
=
=
B
B
B
R
T
C
(32)
F
p
24.3
Ω
k
13.7
ns
333
=
=
=
A
D
FB
R
T
C
(33)
These are the starting values, prior to tuning the design, to
account for layout and other parasitic effects (see the section).
The final values selected after tuning are
pF
22
pF
470
Ω
k
1
.
12
pF
470
=
=
=
=
FB
B
A
A
C
C
R
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com