Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12FDR10 Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # 12FDR10
Description  Fast Recovery Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

12FDR10 Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  12FDR10 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 12FDR10 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 12FDR10 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 12FDR10 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 12FDR10 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 12FDR10 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
12FD(R)Series
Page 4 of 6
www.nellsemi.com
Average forward current (A)
Fig.1 Average forward current vs. maximum
allowable case temperature.
60
70
80
90
100
110
120
0
2
4
6
8
10
12
14
16
18
130
140
150
160
20
12FD(R)Series
dlF
dt
lF
lFM
lF
1/4 lRM(REC)
lRM(REC)
QRR
t
trr
l ,l
= Peak forward current prior to commutation
F FM
d
/d = Rate of fall of forward current
lF
t
l
= Peak reverse recovery current
RM(REC)
t
= Reverse recovery time
rr
Q
= Reverse recovered charge
RR
Fig.2 Reverse recovery time test waveform
120°
60°
180°
180°
DC
0 1
4
3
2
20
16
18
12
14
10
6
0
2
4
8
5
6
7
8
9
12 10 20 30 40
10 11
70
50
80
100
90
60
60°
30°
120°
RMS Limit
12FD(R)Series
T = 150°C
J
Conduction Angle
▲
3.0
-
R
▲
▲
R
= 4
.0
-
R
K/W
th
SA
▲
▲
5-
R
▲
▲
6-
R
▲
▲
8-
R
▲
▲
30- R
▲
▲
20- R
▲
▲
15-
R
▲
▲
10-
R
▲
▲
12 -
R
▲
no heatsink
Fig. 3 Current rating nomogram (sinusoidal waveforms)
Average forward current (A)
Maximum allowable ambient temperature (°C)
120°
60°
180°
30°
0.48
1.02
0.46
1.76
ø = 180°
0
4
2
70
50
60
30
40
20
0
6
8
12
10 20 30 40
10
70
50
80
100
90
60
14 16 18 20
120°
60°
180°
30°
0.46
1.02
0.26
1.76
DC
0
Fig.4 Current rating nomogram (Rectangular Waveforms).
12FD(R)Series
T = 150°C
J
Average forward current (A)
Maximum allowable ambient temperature (°C)
60°
30°
RMS limit
120°
ø =180°
Conduction Angle
DC
▲
3-
R
▲
▲
R
= 2
.0
-
R
K/W
th
SA
▲
▲
4-
R
▲
▲
5-
R
▲
▲
6- R
▲
▲
8- R
▲
▲
10- R
▲
▲
15- R
▲
▲
20- R
▲
no heatsink
ø



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com