Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12FDR10 Datasheet(PDF) 6 Page - Nell Semiconductor Co., Ltd

Part # 12FDR10
Description  Fast Recovery Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

12FDR10 Datasheet(HTML) 6 Page - Nell Semiconductor Co., Ltd

  12FDR10 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 12FDR10 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 12FDR10 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 12FDR10 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 12FDR10 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 12FDR10 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
(0.45/0.48)
11.6/12.4
(0.02/0.04)
0.5/1.0
Ø8.5/Ø8.9
(Ø0.33/Ø0.35)
Ø1.5/Ø1.7
Ø0.05/Ø0.06
10/32” UNF-2A
For metric devices: M5×0.8
3.7/4.3
(0.14/0.16)
DO-203AA (DO-4)
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
Page 6 of 6
12FD(R)Series
Fig .12 Maximum non-repetitive surge current
vs. number of current pulses .
Number of equal amplitude half cycle current pulses (N)
50
150
0
100
0
2
4
6
8 10
20
40
60
At any rated load condition and with rated VRRM
applied following surge.
60Hz
50Hz
Fig .11 Maximum transient thermal impedance,
junction-to-case vs. pulse duration.
10
1
-1
10
10
-3
10
-1
10
1
-2
10
Square wave pulse duration (s)
www.nellsemi.com
12FD(R)Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com