Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70DR10 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 70DR10
Description  Glass Passivated Standard Recovery Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

70DR10 Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  70DR10 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 70DR10 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 70DR10 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 70DR10 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 70DR10 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 70DR10 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 70DR10 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
Average Forward Current (A)
Average Forward Current (A)
Fig.1 Current Ratings Characteristics
Fig.2 Current Ratings Characteristics
70D(R)Series
130
140
150
160
170
180
0
10
20
30
50
40
60
100
110
120
130
140
150
0
10
20
50
30
60
40
70
Average Forward Current (A)
Average Forward Current (A)
Fig.3 Current Ratings Characteristics
Fig.4 Current Ratings Characteristics
0
20
60
40
80
0
20
60
80
100
40
120
180
170
120
130
140
150
160
90°
90
100
110
120
130
140
150
Fig.5 Forward Power Loss Characteristics
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
60
0
40
10
20
50
30
60
40
20
80
0
10
20
30
40
50
60
80
100
70
70
80
30°
100
120
120 140 160 180
70
80
90
80
Conduction Angle
60°
30°
90°
120°
180°
Conduction Angle
60°
30°
90°
120°
180°
120°
60°
180°
DC
90°
30°
120°
60°
180°
DC
Conduction Angle
180°
60°
120°
90°
30°
Page 3 of 7
www.nellsemi.com
70D(R) Series(200V to 1200V)
R
(DC) = 0.45 K/W
thJC
70D(R) Series(1600V)
R
(DC) = 0.45 K/W
thJC
70D(R) Series(200V to 1200V)
R
(DC) = 0.45 K/W
thJC
Conduction Period
70D(R) Series(1600V)
R
(DC) = 0.45 K/W
thJC
Conduction Period
3 K
/W
4 K/W
5 K/W
1.5
K/W
2
K/W
70D(R) Series
(200V to 1200V)
T = 180°C
J
RMS Limit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com