Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70DR10 Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part # 70DR10
Description  Glass Passivated Standard Recovery Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

70DR10 Datasheet(HTML) 5 Page - Nell Semiconductor Co., Ltd

  70DR10 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 70DR10 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 70DR10 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 70DR10 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 70DR10 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 70DR10 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 70DR10 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
Fig.11 Forward Voltage Drop Characterisics
Fig.9 Maximum Non-Repetitive Surge Current
1
100
10
Number Of Equal Amplitude Half Cyde
Current Pulses(N)
Instantaneous Forward Voltage (V)
70D(R)Series
300
400
500
600
1
10
100
1000
1.5
1
0.5
2.5
0
2
3
Fig.10 maximum Non-Repetitive Surge Current
Pulse Train Duration (s)
0.01
0.1
1
700
800
900
1000
1100
300
400
500
600
700
800
900
1000
200
1100
1200
0.01
0.1
1
0.001
0.0001
10
0.01
0.1
1
0.001
10
Fig.13 Thermal Impedance ZthJC
Characteristics
Square Wave Pulse Duration (s)
1
10
100
1000
0
0.5
1
1.5
2
2.5
3
3.5
4
Fig.12 Forward Voltage Drop Characteristics
(For 1600V)
(Up to 1200V)
Forward Voltage Drop(V)
Page 5 of 7
www.nellsemi.com
At Any Rated Load Condition And With
At Rated V
Applied Following Surge.
RRM
Initial T = T Max.
J
J
@60 Hz 0.0083 s
@50 Hz 0.0100 s
T = 25
°C
J
T = T Max.
J
J
Steady State Value
R
= 0.45 K/W
thJC
(DC Operation)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
No Voltage Reapplied
Reted V
Reapplied
RRM
Initial T = T Max.
J
J
T = 25
°C
J
T = T Max.
J
J



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com