Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85DR10 Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # 85DR10
Description  Glass Passivated Standard Recovery Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

85DR10 Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  85DR10 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 85DR10 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 85DR10 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 85DR10 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 85DR10 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 85DR10 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 85DR10 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Fig.8 Forward Power Loss Characteristics
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
Fig.7 Forward Power Loss Characteristics
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
Fig.6 Forward Power Loss Characteristics
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
0
20
40
60
120
80
100
140
20
40
60
80
120
100
140 160 180
0
20
40
60
80
100
120
50
0
20
10
30
40
60
70
90
80
100
0
10
20
30
40
50
60
70
80
90
25
50
75
100
125
150
0
20
40
60
80
100
120
140
0
40
20
60
80
100
120
140
25
50
100
75
125
150
Page 4 of 7
www.nellsemi.com
DC
90°
60°
30°
RMS Limit
180°
120°
85D(R) Series
(200V to 1200V)
T = 180°C
J
Conduction Period
90°
60°
30°
RMS Limit
180°
120°
Conduction Angle
85D(R) Series
(1600V)
T = 150°C
J
RMS Limit
DC
90°
60°
30°
180°
120°
85D(R) Series
(1600V)
T = 150°C
J
Conduction Period
1
K/W
1.5
K/W
3 K/W
5 K/W
2 K
/W
10 K/W
1
K/W
1.5
K/W
3 K/W
5 K/W
2 K
/W
10 K/W
0.7
K/W
1
K/W
1.5
K/W
3 K/W
5 K/W
2 K
/W
10 K/W
RoHS
RoHS
Nell High Power Products
85D(R)Series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com