Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85DR10 Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part # 85DR10
Description  Glass Passivated Standard Recovery Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

85DR10 Datasheet(HTML) 5 Page - Nell Semiconductor Co., Ltd

  85DR10 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 85DR10 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 85DR10 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 85DR10 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 85DR10 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 85DR10 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 85DR10 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Fig.9 Maximum Non-Repetitive Surge Current
Fig.11 Forward Voltage Drop Characteristics
Fig.10 Maximum Non-Repetitive Surge
Current
1
10
100
1
2
5
Number Of Equal Amplitude Half Cycle
current Pulses(N)
Instantaneous Forward Voltage (V)
Pulse Train Duration (S)
800
1000
400
600
10
100
1000
10000
3
4
1
10
100
1000
0.5
0
2.5
1.5
0
2
1
Fig.13 Thermal Impedance ZthJC Characteristics
Square Wave Pulse Duration (s)
(Up To 1200V)
1200
1400
1600
6
0.01
0.1
1
800
200
1000
1200
1400
400
1600
1800
600
Instantaneous Forward Voltage (V)
Fig.12 Forward Voltage Drop Characterisics
(for 1600V)
0.01
0.1
1
0.001
0.0001
10
10
1
0.1
0.01
0.001
Page 5 of 7
www.nellsemi.com
At Any Rated Load Condition And With
At Rated V
Applied Following Surge.
RRM
Initial T = T Max.
J
J
@60 Hz 0.0083 s
@50 Hz 0.0100 s
T = 25
°C
J
T = T Max.
J
J
85D(R) Series
up to 1200V
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
No Voltage Reapplied
Reted V
Reapplied
RRM
Initial T = T Max.
J
J
T = 25
°C
J
T = T Max.
J
J
Steady State Value
R
= 0.35 K/W
thJC
(DC Operation)
RoHS
RoHS
Nell High Power Products
85D(R)Series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com