Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12T06AFSW Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 12T06AFSW
Description  TRIACs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

12T06AFSW Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  12T06AFSW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 12T06AFSW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 12T06AFSW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 12T06AFSW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 12T06AFSW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 12T06AFSW Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 12T06AFSW Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PRODUCT SELECTOR
PART NUMBER
VOLTAGE (x x)
SENSITIVITY
PACKAGE
600 V
50 mA
50 mA
25 mA
35 mA
10 mA
5 mA
Note: xx = voltage, yy = sensitivity
1000 V
12TxxA-B/12TxxAl-B
12TxxA-BW/12TxxAl-BW
12TxxA-C/12TxxAl-C
12TxxA-CW/12TxxAl-CW
12TxxA-SW/12TxxAl-SW
12TxxA-TW/12TxxAI-TW
TYPE
TO-220AB
Standard
Snubberless
Standard
Snubberless
Logic level
Logic level
V
V
V
V
V
V
V
V
V
V
V
V
800 V
V
V
V
V
V
V
THERMAL RESISTANCE
Rth(j-c)
Junction to case (AC)
Rth(j-a)
Junction to ambient
2.3
°C/W
°C/W
UNIT
VALUE
SYMBOL
TO-220AB, TO-263
TO-220AB Insulated/TO-220F
TO-220AB Insulated, TO-220AB, TO-220F
1.4
S = Copper surface under tab.
2
S = 1 cm
TO-263
60
45
25 mA
12TxxH-B
Standard
Standard
V
V
V
V
V
V
V
V
V
12TxxH-C
12TxxH-SW
AI: Insulated TO-220AB package
Logic level
2
D PAK
ORDERING INFORMATION
12TxxA-yy
12TxxA-yy
ORDERING TYPE
MARKING
PACKAGE
WEIGHT
,
BASE Q TY
DELIVERY MODE
TO-220AB
2.0g
50
Tube
12TxxAI-yy
12TxxAI-yy
2.3g
50
Tube
12TxxH-yy
12TxxH-yy
2
TO-236(D PAK)
2.0g
50
TO-220AB (insulated)
Tube
50 mA
5 mA
50 mA
25 mA
50 mA
12TxxH-CW
12TxxH-BW
12TxxH-TW
12TxxAF-B
12TxxAF-C
12TxxAF-BW
TO-220F
Snubberless
Snubberless
Logic level
Standard
Standard
Snubberless
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
35 mA
10 mA
10 mA
12TxxAF-CW
Logic level
Snubberless
V
V
V
V
V
V
V
V
V
12TxxAF-SW
12TxxAF-TW
Logic level
50 mA
10 mA
35 mA
(ITO-220AB)
12TxxAF-yy
12TxxAF-yy
TO-220F(ITO-220AB)
2.5g
50
Tube
www.nellsemi.com
Page 3 of 7
12T Series RoHS
RoHS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com