Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12T06AFSW Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 12T06AFSW
Description  TRIACs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

12T06AFSW Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  12T06AFSW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 12T06AFSW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 12T06AFSW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 12T06AFSW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 12T06AFSW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 12T06AFSW Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 12T06AFSW Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
C
I - II - III
IV
MAX.
25
50
50
100
mA
ALL
ALL
MAX.
I - III - IV
MAX.
40
mA
II
MIN.
MIN.
(2)
VTM
MAX.
Vt0
(2)
Threshold voltage
MAX.
Dynamic resistance
MAX.
IDRM
IRRM
MAX.
mA
Note 1: Minimum l
is guaranted at 5% of l
max.
GT
GT
Note 2: For both polarities of A2 referenced to A1.
QUADRANT
12Txxxx
V = 12 V, R = 30Ω
D
L
V = V
, R = 3.3KΩ, T = 125°C
D
DRM
L
j
I = 500 mA
T
I = 1.2 I
G
GT
V = 67% V
, gate open, T = 125°C
D
DRM
j
(dI/dt)c = 5.3 A/ms, T = 125°C
j
1.3
0.2
V
V
mA
V/µs
V/µs
50
50
25
80
80
200
400
5
10
I
= 17 A, t = 380 µs
TM
P
T = 125°C
j
T = 25°C
j
T = 125°C
j
T = 125°C
j
T = 25°C
j
1.55
0.85
35
5
1
V
V
µA
mΩ
STATIC CHARACTERISTICS
UNIT
VALUE
UNIT
TEST CONDITIONS
TEST CONDITIONS
SYMBOL
SYMBOL
12Txxxx
Unit
(1)
IGT
I - II - III
VGT
I - II - III
VGD
I - II - III
(2)
IH
MAX.
I - III
MAX.
mA
II
(2)
dV/dt
MIN.
(2)
(dI/dt)c
MIN.
-
A/ms
-
-
IL
MAX.
MIN.
V = 12 V, R = 30Ω
D
L
V = V
, R = 3.3KΩ
D
DRM
L
T = 125°C
j
I = 100 mA
T
I = 1.2 I
G
GT
V = 67% V
gate open ,T = 125°C
D
DRM
j
,
(dV/dt)c = 0.1 V/µs
(dV/dt)c = 10 V/µs
Without snubber
T = 125°C
j
T = 125°C
j
T = 125°C
j
MAX.
05
10
10
15
20
3.5
1
10
50
1.3
0.2
15
60
20
70
35
80
40
1000
6.5
2.9
12
-
mA
V
V
mA
V/µs
TEST CONDITIONS
QUADRANT
SYMBOL
TW
SW
BW
-
-
35
40
50
60
500
6.5
CW
SNUBBERLESS and Logic level (3 quadrants)
Standard (4 quadrants)
(1)
IGT
VGT
VGD
(2)
IH
(2)
dV/dt
IL
(2)
(dV/dt)c
(2)
Rd
B
(T = 25 ºC unless otherwise specified)
J
ELECTRICAL CHARACTERISTICS
(T = 25 ºC unless otherwise specified)
J
ELECTRICAL CHARACTERISTICS
V = V
D
DRM
V = V
R
RRM
www.nellsemi.com
Page 2 of 7
A
10
25
30
25
40
100
3
12T Series RoHS
RoHS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com