Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA191 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA191
Description  Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA191 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA191 Datasheet HTML 8Page - Texas Instruments INA191 Datasheet HTML 9Page - Texas Instruments INA191 Datasheet HTML 10Page - Texas Instruments INA191 Datasheet HTML 11Page - Texas Instruments INA191 Datasheet HTML 12Page - Texas Instruments INA191 Datasheet HTML 13Page - Texas Instruments INA191 Datasheet HTML 14Page - Texas Instruments INA191 Datasheet HTML 15Page - Texas Instruments INA191 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
0.5
1
1.5
2
2.5
D046
A1
A2, A3, A4, A5
VOUT
VS
1.7 V to 5.5 V
IN±
IN+
VS
OUT
RF
CF
RF
+
±
Bus Voltage
up to 40 V
RSENSE
Load
Capacitively Coupled
Amplifier
ENABLE
3dB
F F
1
f
4 R C
S
RDIFF
TI-Device
TM
12
INA191
SLYS020 – FEBRUARY 2019
www.ti.com
Product Folder Links: INA191
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Application Information (continued)
8.1.3 Output Signal Conditioning
When performing accurate current measurements in noisy environments, the current-sensing signal is often
filtered. The INA191 features low input bias currents. Therefore, it is possible to add a differential mode filter to
the input without sacrificing the current-sense accuracy. Filtering at the input is advantageous because this
action attenuates differential noise before the signal is amplified. Figure 4 provides an example of how to use a
filter on the input pins of the device.
Figure 4. Filter at the Input Pins
The differential input impedance (RDIFF) shown in Figure 4 limits the maximum value for RF. The value of RDIFF is
a function of the device temperature and gain option, as shown in Figure 5.
Figure 5. Differential Input Impedance vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com