Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA191 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA191
Description  Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA191 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA191 Datasheet HTML 9Page - Texas Instruments INA191 Datasheet HTML 10Page - Texas Instruments INA191 Datasheet HTML 11Page - Texas Instruments INA191 Datasheet HTML 12Page - Texas Instruments INA191 Datasheet HTML 13Page - Texas Instruments INA191 Datasheet HTML 14Page - Texas Instruments INA191 Datasheet HTML 15Page - Texas Instruments INA191 Datasheet HTML 16Page - Texas Instruments INA191 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DIFF
SENSE
DIFF
F
R
Error(%)
1
100
R
R
2 R
§
·
u
¨
¸
¨
¸
u
©
¹
13
INA191
www.ti.com
SLYS020 – FEBRUARY 2019
Product Folder Links: INA191
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Application Information (continued)
As the voltage drop across the sense resistor (VSENSE) increases, the amount of voltage dropped across the input
filter resistors (RF) also increases. The increased voltage drop results in additional gain error. The error caused
by these resistors is calculated by the resistor divider equation shown in Equation 4.
where:
•
RDIFF is the differential input impedance.
•
RF is the added value of the series filter resistance.
(4)
An additional factor to consider when increasing the value of RF is the potential for increased output noise
because of the pulse current generated by the internal chopping of the input capacitor network. Because of the
pulse current, do not use values of RF greater than 1 kΩ. The advantages of the lower corner frequency of the
input filter is overcome by the additional noise caused by the internal capacitor chopping. If additional filtering is
needed, increase the value of CF.
To achieve best performance in applications with periodic high-frequency currents that are greater than the
device bandwidth, apply an input filter to attenuate differential current noise. Use a 100-Ω resistor for RF and a
22-nF capacitor for CF to achieve a low-pass filter corner frequency of 36.2 kHz. This result does not severely
impact the current-sensing bandwidth, but does filter out most high-frequency signals. If a lower corner frequency
is desired, increase the value of CF.
If high-frequency, common-mode noise is a concern, add an RC filter from the OUT pin to ground. The value for
the resistance of the RC filter is limited by the impedance of the load. Any current drawn by the load manifests as
an external voltage drop from the INA191 OUT pin to the load input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com