Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2885 Datasheet(PDF) 2 Page - NEC

Part # 2SC2885
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-VOLTAGE HIGH-SPEED SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC2885 Datasheet(HTML) 2 Page - NEC

  2SC2885 Datasheet HTML 1Page - NEC 2SC2885 Datasheet HTML 2Page - NEC 2SC2885 Datasheet HTML 3Page - NEC 2SC2885 Datasheet HTML 4Page - NEC 2SC2885 Datasheet HTML 5Page - NEC 2SC2885 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet D16135EJ2V0DS
2
2SC2885, 2946, 2946(1)
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector to emitter voltage
VCEO(SUS)
IC = 1.0 A, IB = 0.1 A, L = 500
µH*
200
V
Collector to emitter voltage
VCEX(SUS)
IC = 1.0 A, IB1 =
−IB2 = 0.1 A*
Ta = 125
°C, L = 180
µH, clamped
200
V
Collector cutoff current
ICBO
VCB = 250 V, IE = 0
10
µA
Collector cutoff current
ICEX1
VCE = 250 V, VBE(OFF) =
−1.5 V
10
µA
Collector cutoff current
ICEX2
VCE = 250 V, VBE(OFF) =
−1.5 V, Ta = 125°C
1.0
mA
Emitter cutoff current
IEBO
VEB = 5.0 V, IC = 0
1.0
µA
hFE1
VCE = 5.0 V, IC = 0.1 A*
20
60
160
DC current gain
hFE2
VCE = 5.0 V, IC = 1.0 A*
15
Collector saturation voltage
VCE(sat)
IC = 1.0 A, IB = 0.1 A*
1.0
V
Base saturation voltage
VBE(sat)
IC = 1.0 A, IB = 0.1 A*
1.5
V
Turn-on time
ton
1.0
µs
Storage time
tstg
2.0
µs
Fall time
tf
IC = 1.0 A, RL = 100
Ω
IB1 =
−IB2 = 0.1 A, VCC ≅ 100 V
Refer to the test circuit.
1.0
µs
* Pulse test PW
≤ 350
µs, duty cycle ≤ 2%
hFE CLASSIFICATION
Marking
N
M
L
K
hFE1
20 to 50
30 to 70
50 to 100
80 to 160
PACKAGE DRAWING (UNIT: mm)
Electrode Connection
1. Base
2. Collector
3. Emitter
4. Collector (fin)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com