Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2885 Datasheet(PDF) 1 Page - NEC

Part # 2SC2885
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-VOLTAGE HIGH-SPEED SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC2885 Datasheet(HTML) 1 Page - NEC

  2SC2885 Datasheet HTML 1Page - NEC 2SC2885 Datasheet HTML 2Page - NEC 2SC2885 Datasheet HTML 3Page - NEC 2SC2885 Datasheet HTML 4Page - NEC 2SC2885 Datasheet HTML 5Page - NEC 2SC2885 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
1998
©
Document No. D16135EJ2V0DS00 (2nd edition)
Date Published April 2002 N CP(K)
Printed in Japan
SILICON TRANSISTORS
2SC2885, 2946, 2946(1)
NPN SILICON
EPITAXIAL TRANSISTOR
FOR HIGH-VOLTAGE HIGH-SPEED SWITCHING
DATA SHEET
2002
The 2SC2885, 2946, and 2946(1) are high-voltage high-speed switching power transistors featuring a small
package (MP-3) which is suitable for high-density mounting. These transistors are ideal for drivers in DC/DC
converters and switching regulators.
There are three types of transistors selectable according to the reliability requirments: 2SC2946 and 2946(1) for
industrial use, 2SC2885 for general use. The 2SC2946(1) is produced with leads so as to enable mounting directly in
a hybrid IC.
QUALITY GRADES
• Standard
Please refer to “Quality Grades on NEC Semiconductor Devices” (Document No. C11531E) published by NEC
Corporation to know the specification of quality grade on the devices and its recommended applications.
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
330
V
Collector to emitter voltage
VCEO
200
V
Emitter to base voltage
VEBO
7.0
V
Collector current (DC)
IC(DC)
2.0
A
Collector current (pulse)
IC(pulse)*4.0
A
Base current (DC)
IB(DC)
1.0
A
Total power dissipation
PT (Tc = 25
°C)
15
W
Total power dissipation
PT (Ta = 25
°C)
600
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
*PW
≤ 300
µs, duty cycle ≤ 10%


Similar Part No. - 2SC2885

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC2885 RENESAS-2SC2885 Datasheet
305Kb / 7P
SILICON POWER TRANSISTOR
2002
More results

Similar Description - 2SC2885

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2517 NEC-2SC2517 Datasheet
132Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC2334 NEC-2SC2334 Datasheet
116Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4332 NEC-2SC4332 Datasheet
34Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4336 NEC-2SC4336 Datasheet
128Kb / 5P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4550 NEC-2SC4550 Datasheet
135Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4552 NEC-2SC4552 Datasheet
161Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4553 NEC-2SC4553 Datasheet
126Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4814 NEC-2SC4814 Datasheet
161Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4815 NEC-2SC4815 Datasheet
166Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Renesas Technology Corp
2SC4331 RENESAS-2SC4331_15 Datasheet
276Kb / 7P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com