Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4332 Datasheet(PDF) 2 Page - NEC

Part # 2SC4332
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4332 Datasheet(HTML) 2 Page - NEC

  2SC4332 Datasheet HTML 1Page - NEC 2SC4332 Datasheet HTML 2Page - NEC 2SC4332 Datasheet HTML 3Page - NEC 2SC4332 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet D16430EJ1V0DS
2
2SC4332, 2SC4332-Z
ELECTRICAL CHARACTERISTICS (TA = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector to Emitter Voltage
VCEO(SUS)
IC = 3.0 A, IB = 0.3 A, L = 1 mH
60
V
Collector to Emitter Voltage
VCEX(SUS)
IC = 3.0 A, IB1 =
−IB2 = 0.3 A,
VBE(OFF) =
−1.5 V, L = 180
µH,
clamped
60
V
Collector Cut-off Current
ICBO
VCE = 60 V, IE = 0
10
µA
Collector Cut-off Current
ICER
VCE = 60 V, RBE = 51
Ω, TA = 125°C1.0
mA
Collector Cut-off Current
ICEX1
VCE = 60 V, VBE(OFF) =
−1.5 V
10
µA
Collector Cut-off Current
ICEX2
VCE = 60 V, VBE(OFF) =
−1.5 V,
TA = 125
°C
1.0
mA
Emitter Cut-off Current
IEBO
VEB = 5.0 V, IC = 0
10
µA
DC Current Gain
hFE1
Note
VCE = 2.0 V, IC = 0.5 A
100
DC Current Gain
hFE2
Note
VCE = 2.0 V, IC = 1.0 A
100
400
DC Current Gain
hFE3
Note
VCE = 2.0 V, IC = 3.0 A
60
Collector Saturation Voltage
VCE(sat)1
Note
IC = 3.0 A, IB = 0.15 A
0.3
V
Collector Saturation Voltage
VCE(sat)2
Note
IC = 4.0 A, IB = 0.2 A
0.5
V
Base Saturation Voltage
VBE(sat)1
Note
IC = 3.0 A, IB = 0.15 A
1.2
V
Base Saturation Voltage
VBE(sat)2
Note
IC = 4.0 A, IB = 0.2 A
1.5
V
Collector Capacitance
Cob
VCB = 10 V, IE = 0, f = 1.0 MHz
130
pF
Gain Bandwidth Product
fT
VCE = 10 V, IE =
−0.5 A
150
MHz
Turn-on Time
ton
0.3
µs
Storage Time
tstg
1.5
µs
Fall Time
tf
IC = 3.0 A, RL = 16.7
Ω,
IB1 =
−IB2 = 0.15 A, VCC 50 V
Refer to the test circuit.
0.3
µs
Note Pulse test PW
≤ 350
µs, duty cycle ≤ 2%
hFE CLASSIFICATION
Marking
M
L
K
hFE2
100 to 200
150 to 300
200 to 400
SWITCHING TIME (ton, tstg, tf) TEST CIRCUIT
Base current
waveform
Collector current
waveform



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com