Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4332 Datasheet(PDF) 1 Page - NEC

Part # 2SC4332
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4332 Datasheet(HTML) 1 Page - NEC

  2SC4332 Datasheet HTML 1Page - NEC 2SC4332 Datasheet HTML 2Page - NEC 2SC4332 Datasheet HTML 3Page - NEC 2SC4332 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©
SILICON POWER TRANSISTORS
2SC4332, 2SC4332-Z
NPN SILICON EPITAXIAL TRANSISTOR
FOR HIGH-SPEED SWITCHING
DATA SHEET
Document No. D16430EJ1V0DS00 (1st edition)
Date Published October 2002 NS CP(K)
Printed in Japan
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The 2SC4332 and 2SC4332-Z are mold power transistors
developed for high-speed switching and features a very low
collector-to-emitter saturation voltage.
This transistor is ideal for use in switching regulators, DC/DC
converters, motor drivers, solenoid drivers, and other low-voltage
power supply devices, as well as for high-current switching.
FEATURES
• Low collector saturation voltage
VCE(sat) = 0.3 V MAX. (IC = 3 A
/ IB = 0.15 A)
• Fast switching speed:
tf
≤ 0.3
µs MAX. (IC = 3 A)
• High DC current gain
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°C)
Collector to Base Voltage
VCBO
100
V
Collector to Emitter Voltage
VCEO
60
V
Base to Emitter Voltage
VEBO
7.0
V
Collector Current (DC)
IC(DC)
5.0
A
Collector Current (pulse)
IC(pulse)
Note1
10
A
Base Current (DC)
IB(DC)
2.5
A
Total Power Dissipation
PT (TC = 25
°C)
15
W
Total Power Dissipation
PT (TA = 25
°C)
1.0
Note2, 2.0Note3
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Notes 1. PW
≤ 10 ms, duty cycle ≤ 50%
2. Printing borard mounted
3. 7.5 mm
2
x 0.7 mm, ceramic board mounted
PACKAGE DRAWING (Unit: mm)
Electrode Connection
1. Base
2. Collector
3. Emitter
4. Fin (collector)


Similar Part No. - 2SC4332

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4332 ISC-2SC4332 Datasheet
282Kb / 2P
isc Silicon NPN Power Transistor
logo
Renesas Technology Corp
2SC4332 RENESAS-2SC4332 Datasheet
458Kb / 7P
SILICON POWER TRANSISTOR
2002
logo
Guangdong Kexin Industr...
2SC4332-Z KEXIN-2SC4332-Z Datasheet
43Kb / 2P
NPN Silicon Epitaxia
logo
Inchange Semiconductor ...
2SC4332-Z ISC-2SC4332-Z Datasheet
286Kb / 2P
isc Silicon NPN Power Transistor
logo
Renesas Technology Corp
2SC4332 RENESAS-2SC4332_15 Datasheet
459Kb / 7P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
More results

Similar Description - 2SC4332

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2517 NEC-2SC2517 Datasheet
132Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC2334 NEC-2SC2334 Datasheet
116Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4336 NEC-2SC4336 Datasheet
128Kb / 5P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4550 NEC-2SC4550 Datasheet
135Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4551 NEC-2SC4551 Datasheet
140Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4552 NEC-2SC4552 Datasheet
161Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4553 NEC-2SC4553 Datasheet
126Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4814 NEC-2SC4814 Datasheet
161Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4815 NEC-2SC4815 Datasheet
166Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Renesas Technology Corp
2SC4331 RENESAS-2SC4331_15 Datasheet
276Kb / 7P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com