Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4346 Datasheet(PDF) 3 Page - NEC

Part # 2SC4346
Description  NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH SPEED SWITCHING, HIGH VOLTAGE SWITCHING
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4346 Datasheet(HTML) 3 Page - NEC

  2SC4346 Datasheet HTML 1Page - NEC 2SC4346 Datasheet HTML 2Page - NEC 2SC4346 Datasheet HTML 3Page - NEC 2SC4346 Datasheet HTML 4Page - NEC 2SC4346 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Data Sheet D17082EJ2V0DS
3
2SC4346,4346-Z
TYPICAL CHARACTERISTICS (TA = 25°C)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
FORWARD BIAS SAFE OPERATING AREA
With infinite heatsink
(TC = 25˚C)
Mounted on print board
(Note) 2SC4346-Z
Mounted on ceramic
subsutrate of 7.5 mm
2
x 0.7 mm
(Note)
0
0
2
4
6
8
10
12
50
100
150
200
TA - Ambient Temperature - °C
0.01
1
10
100
1000
0.1
1.0
10
PW = 1
µs
IC(DC)
IC(pulse)
Power Dissipation Limited
s/b Limited
TC = 25
˚C
10
µs
100
µs
1 ms
10 ms
VCE - Collector to Emitter Voltage - V
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
DC CURRENT GAIN vs. COLLECTOR CURRENT
0
1
234
5
0
0.4
0.8
1.2
1.6
2.0
IB = 100 mA
90 mA
80 mA
70 mA
60 mA
50 mA
40 mA
30 mA
20 mA
10 mA
VCE - Collector to Emitter Voltage - V
0.01
0.001
VCE = 5 V
Pulsed
0.1
1
10
100
IC - Collector Current - A
COLLECTOR AND BASE SATURATION VOLTAGE vs.
COLLCTOR CURRENT
TURN-ON, STORAGE TIME AND FALL TIME vs.
COLLECTOR CURRENT
0.01
0.001
0.1
1.0
10
1
10
IC = 5 x IB
Pulsed
VBE(sat)
VCE(sat)
IC - Collector Current - A
0.1
1
10
10
0.1
1
VCC = 200 V
IC : IB1 : IB2 = 10 : 1 :
−2
Pulsed
tstg
tf
ton
IC - Collector Current - A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com