Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4346 Datasheet(PDF) 1 Page - NEC

Part # 2SC4346
Description  NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH SPEED SWITCHING, HIGH VOLTAGE SWITCHING
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4346 Datasheet(HTML) 1 Page - NEC

  2SC4346 Datasheet HTML 1Page - NEC 2SC4346 Datasheet HTML 2Page - NEC 2SC4346 Datasheet HTML 3Page - NEC 2SC4346 Datasheet HTML 4Page - NEC 2SC4346 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SILICON POWER TRANSISTOR
2SC4346,4346-Z
NPN SILICON TRIPLE DIFFUSED TRANSISTOR
FOR HIGH SPEED SWITCHING, HIGH VOLTAGE SWITCHING
DATA SHEET
Document No. D17082EJ2V0DS00 (2nd edition)
Date Published August 2004 NS CP(K)
Printed in Japan
2004
The mark
shows major revised points.
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SC4346
TO-251 (MP-3)
2SC4346-Z
TO-252 (MP-3Z)
DESCRIPTION
The 2SC4346 is a mold power transistor developed for
high-speed switching, high voltage switching, and is ideal
for use as a driver in devices such as switching regulators,
DC/DC converters, and high-frequency power amplifiers.
FEATURES
• Small package, but can control for high-current
• Low collector saturation voltage
VCE(sat) = 1.0 V MAX. (IC = 2.0 A)
• Ultra high-speed switching
tf = 0.3
µs MAX. (IC = 2.0 A)
• Base reverse bias safe operating area is wide
VCEX(SUS)1 = 450 V MIN. (IC = 2.0 A)
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Collector to Base Voltage
VCBO
500
V
Collector to Emitter Voltage
VCEO
400
V
Emitter to Base Voltage
VEBO
8.0
V
Collector Current (DC)
IC(DC)
5.0
A
Collector Current (pulse)
IC(pulse)
Note1
10
A
Base current (DC)
IB(DC)
2.5
A
Total Power Dissipation
PT1 (TC = 25°C)
18
W
Total Power Dissipation
PT2 (TA = 25°C)
1.0
Note2, 2.0 Note3
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Notes 1. PW
≤ 10 ms, Duty Cycle ≤ 50%
2. Mounted on print board
3. Mounted on ceramic substrate of 7.5 mm
2 x 0.7 mm


Similar Part No. - 2SC4346

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4346 RENESAS-2SC4346 Datasheet
271Kb / 7P
SILICON POWER TRANSISTOR
2004
2SC4346-Z RENESAS-2SC4346-Z Datasheet
271Kb / 7P
SILICON POWER TRANSISTOR
2004
More results

Similar Description - 2SC4346

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC4372 KEC-KTC4372 Datasheet
356Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR(HIGH VOLTAGE SWITCHING)
MJE13003 KEC-MJE13003 Datasheet
381Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE AND HIGH SPEED SWITCHING)
logo
Hitachi Semiconductor
2SC1706 HITACHI-2SC1706 Datasheet
49Kb / 1P
SILICON NPN TRIPLE DIFFUSED HIGH VOLTAGE SWITCHING
logo
NEC
2SA1871 NEC-2SA1871 Datasheet
116Kb / 6P
PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
2SC3569 NEC-2SC3569 Datasheet
128Kb / 6P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-VOLTAGE HIGH-SPEED SWITCHING
2SC4942 NEC-2SC4942 Datasheet
115Kb / 6P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
2SD1592 NEC-2SD1592 Datasheet
89Kb / 4P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-VOLTAGE LOW-SPEED SWITCHING
2SC2335 NEC-2SC2335 Datasheet
114Kb / 6P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
logo
Renesas Technology Corp
2SC4942 RENESAS-2SC4942_15 Datasheet
240Kb / 8P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
2SA1871 RENESAS-2SA1871_15 Datasheet
241Kb / 8P
PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com