Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4814 Datasheet(PDF) 2 Page - NEC

Part # 2SC4814
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4814 Datasheet(HTML) 2 Page - NEC

  2SC4814 Datasheet HTML 1Page - NEC 2SC4814 Datasheet HTML 2Page - NEC 2SC4814 Datasheet HTML 3Page - NEC 2SC4814 Datasheet HTML 4Page - NEC 2SC4814 Datasheet HTML 5Page - NEC 2SC4814 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet D15604EJ2V0DS
2
2SC4814
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 120 V, IE = 0
50
µA
Emitter cutoff current
IEBO
VEB = 5 V, IC = 0
50
µA
DC current gain
hFE1*VCE = 2 V, IC = 1.0 A
300
700
1,200
−
DC current gain
hFE2*VCE = 2 V, IC = 1.5 A
250
600
−
Collector saturation voltage
VCE(sat)*IC = 1.5 A, IB = 10 mA
0.3
V
Base saturation voltage
VBE(sat)*IC = 1.5 A, IB = 10 mA
1.3
V
Gain bandwidth product
fT
VCE = 10 V, IC = 1.0 A
60
MHz
Collector capacitance
Cob
VCE = 10 V, IE = 0 , f = 1 MHz
40
pF
Turn-on time
ton
0.5
µs
Storage time
tstg
2.0
µs
Fall time
tf
IC = 1.5 A, IB1 =
−IB2 = 10 mA
RL = 8.0
Ω, VCC = 12 V
Refer to the test circuit.
0.5
µs
* Pulse test PW
≤ 350
µs, duty cycle ≤ 2%
PACKAGE DRAWING (UNIT: mm)
TAPING SPECIFICATION
Electrode Connection
1. Base
2. Collector
3. Emitter
EQUIVALENT CIRCUIT
0.7 MAX.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com