Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4814 Datasheet(PDF) 1 Page - NEC

Part # 2SC4814
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4814 Datasheet(HTML) 1 Page - NEC

  2SC4814 Datasheet HTML 1Page - NEC 2SC4814 Datasheet HTML 2Page - NEC 2SC4814 Datasheet HTML 3Page - NEC 2SC4814 Datasheet HTML 4Page - NEC 2SC4814 Datasheet HTML 5Page - NEC 2SC4814 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
1998
©
Document No. D15604EJ2V0DS00 (2nd edition)
Date Published April 2002 N CP(K)
Printed in Japan
SILICON POWER TRANSISTOR
2SC4814
NPN SILICON EPITAXIAL TRANSISTOR
FOR HIGH-SPEED SWITCHING
DATA SHEET
2002
The 2SC4814 is a power transistor featuring low-saturation voltage and high hFE. This transistor is ideal for high-
precision control such as PWM control for pulse motors or brushless motors in OA and FA equipment and for
solenoid driving in automotive equipment.
In addition, this transistor features a package that can be auto-mounted in radial taping specifications, thus
contributing to mounting cost reduction.
FEATURES
• Low VCE(sat): VCE(sat)
≤ 0.3 V
@IC = 1.5 A, IB = 10 mA
• High hFE:
hFE = 300 to 1,200 @VCE = 2.0 V, IC = 1.0 A
• On-chip dumper-diode
• Auto-mounting possible in radial taping specifications
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
Ratings
Unit
Collector to base voltage
VCBO
120
V
Collector to emitter voltage
VCEO
100
V
Emitter to base voltage
VEBO
7.0
V
Collector current (DC)
IC(DC)
±2.5
A
Collector current (pulse)
IC(pulse)
PW
≤ 300
µs, duty cycle ≤ 10%
±5.0
A
Base current (DC)
IB(DC)
1.0
A
Total power dissipation
PT
Ta = 25
°C
1.8
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C


Similar Part No. - 2SC4814

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4814 RENESAS-2SC4814 Datasheet
314Kb / 8P
SILICON POWER TRANSISTOR
2002
More results

Similar Description - 2SC4814

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2517 NEC-2SC2517 Datasheet
132Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC2334 NEC-2SC2334 Datasheet
116Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4332 NEC-2SC4332 Datasheet
34Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4336 NEC-2SC4336 Datasheet
128Kb / 5P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4550 NEC-2SC4550 Datasheet
135Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4551 NEC-2SC4551 Datasheet
140Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4552 NEC-2SC4552 Datasheet
161Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4553 NEC-2SC4553 Datasheet
126Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4815 NEC-2SC4815 Datasheet
166Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Renesas Technology Corp
2SC4331 RENESAS-2SC4331_15 Datasheet
276Kb / 7P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com