Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP2010AFQJ Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DLP2010AFQJ
Description  DLP2010 .2 WVGA DMD
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2010AFQJ Datasheet(HTML) 39 Page - Texas Instruments

Back Button DLP2010AFQJ Datasheet HTML 34Page - Texas Instruments DLP2010AFQJ Datasheet HTML 35Page - Texas Instruments DLP2010AFQJ Datasheet HTML 36Page - Texas Instruments DLP2010AFQJ Datasheet HTML 37Page - Texas Instruments DLP2010AFQJ Datasheet HTML 38Page - Texas Instruments DLP2010AFQJ Datasheet HTML 39Page - Texas Instruments DLP2010AFQJ Datasheet HTML 40Page - Texas Instruments DLP2010AFQJ Datasheet HTML 41Page - Texas Instruments DLP2010AFQJ Datasheet HTML 42Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
SECTION A-A
NOTCH OFFSETS
2
1
3
4
5
6
7
8
D
C
B
A
DWG NO.
SH
8
7
6
5
4
3
1
D
C
B
A
INV11-2006a
2512515
1
TITLE
SIZE
DWG NO
REV
SCALE
SHEET
OF
DATE
ENGINEER
QA/CE
CM
APPROVED
DRAWN
INSTRUMENTS
Dallas Texas
APPLICATION
NEXT ASSY
USED ON
THIRD ANGLE
PROJECTION
TEXAS
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETERS
TOLERANCES:
ANGLES
1
2 PLACE DECIMALS
0.25
1 PLACE DECIMALS
0.50
DIMENSIONAL LIMITS APPLY BEFORE PROCESSES
INTERPRET DIMENSIONS IN ACCORDANCE WITH ASME
Y14.5M-1994
REMOVE ALL BURRS AND SHARP EDGES
PARENTHETICAL INFORMATION FOR REFERENCE ONLY
ICD, MECHANICAL, DMD,
.2 WVGA SERIES 244
2512515
1
3
E
D
9/14/2012
20:1
P. KONRAD
F. ARMSTRONG
M. SOUCEK
9/26/2012
9/26/2012
9/18/2012
9/14/2012
0314DA
B. HASKETT
NOTES UNLESS OTHERWISE SPECIFIED:
REVISIONS
COPYRIGHT 2012 TEXAS INSTRUMENTS
UN-PUBLISHED, ALL RIGHTS RESERVED.
C
B. HASKETT
M. DORAK
9/18/2012
A
A
H
H
REV
DESCRIPTION
DATE
BY
A
ECO 2127544: INITIAL RELEASE
9/14/2012
BMH
B
ECO 2129552: ENLARGE APERTURE ON RIGHT SIDE;
MOVE ACTIVE ARRAY Y-LOCATION DIM, SH. 3
12/10/2012
BMH
C
ECO 2131252: ENLARGE APERTURE ALONG BOTTOM EDGE
2/20/2013
BMH
D
ECO 2135244: CORRECT WINDOW THK TOL, ZONE B6
8/5/2013
BMH
E
ECO 2138016: INCREASE WINDOW THK NOMINAL
11/21/2013
BMH
2.65 - 0.1
0.2
+
1.176
0.05
0.78
0.063
1.003
0.077
0.7
0.05
D
(1.783)
A 3 SURFACES INDICATED
IN VIEW B (SHEET 2)
DIE PARALLELISM TOLERANCE APPLIES TO DMD ACTIVE ARRAY ONLY.
ROTATION ANGLE OF DMD ACTIVE ARRAY IS A REFINEMENT OF THE LOCATION
TOLERANCE AND HAS A MAXIMUM ALLOWED VALUE OF 0.6 DEGREES.
BOUNDARY MIRRORS SURROUNDING THE DMD ACTIVE ARRAY.
DMD MARKING TO APPEAR IN CONNECTOR RECESS.
NOTCH DIMENSIONS ARE DEFINED BY UPPERMOST LAYERS OF CERAMIC,
AS SHOWN IN SECTION A-A.
ENCAPSULANT TO BE CONTAINED WITHIN DIMENSIONS SHOWN IN VIEW C
(SHEET 2). NO ENCAPSULANT IS ALLOWED ON TOP OF THE WINDOW.
ENCAPSULANT NOT TO EXCEED THE HEIGHT OF THE WINDOW.
DATUM B IS DEFINED BY A DIA. 2.5 PIN, WITH A FLAT ON THE SIDE FACING
TOWARD THE CENTER OF THE ACTIVE ARRAY, AS SHOWN IN VIEW B (SHEET 2).
WHILE ONLY THE THREE DATUM A TARGET AREAS A1, A2, AND A3 ARE USED
FOR MEASUREMENT, ALL 4 CORNERS SHOULD BE CONTACTED, INCLUDING E1,
TO SUPPORT MECHANICAL LOADS.
9
1
4
3
2
7
6
5
8
(ILLUMINATION
DIRECTION)
ACTIVE ARRAY
0.038 A
 0.02D
(PANASONIC AXT640124DD1, 40-CONTACT, 0.4 mm
PITCH BOARD-TO-BOARD CONNECTOR HEADER)
MATES WITH PANASONIC AXT540124DD1 OR EQUIVALENT
CONNECTOR SOCKET
(SHEET 3)
(SHEET 3)
5
5
5
5
5
5
5
5
(
2.5)
2X ENCAPSULANT
6
9
1
(0.88)
(2.5)
5
90°
1°
5.3 - 0.1
0.3
+
15.9 - 0.1
0.3
+
0.8 - 0.1
0.2
+
14.1
0.08
(1)
1.4 - 0.1
0.2
+
2.5
0.075
2X
0.4
R
0.1
4X
4X (R0.2)
1.4
0.1
5
 0.05
B
8
C
1.25 5
9
7
5
0.4 MIN
TYP.
(1.4)
0 MIN TYP.
(OFF-STATE
DIRECTION)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com