Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP2010AFQJ Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DLP2010AFQJ
Description  DLP2010 .2 WVGA DMD
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2010AFQJ Datasheet(HTML) 8 Page - Texas Instruments

Back Button DLP2010AFQJ Datasheet HTML 4Page - Texas Instruments DLP2010AFQJ Datasheet HTML 5Page - Texas Instruments DLP2010AFQJ Datasheet HTML 6Page - Texas Instruments DLP2010AFQJ Datasheet HTML 7Page - Texas Instruments DLP2010AFQJ Datasheet HTML 8Page - Texas Instruments DLP2010AFQJ Datasheet HTML 9Page - Texas Instruments DLP2010AFQJ Datasheet HTML 10Page - Texas Instruments DLP2010AFQJ Datasheet HTML 11Page - Texas Instruments DLP2010AFQJ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
8
DLP2010
DLPS123 – FEBRUARY 2019
www.ti.com
Product Folder Links: DLP2010
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
(1)(2)(3)
MIN
NOM
MAX
UNIT
(11) Simultaneous exposure of the DMD to the maximum Recommended Operating Conditions for temperature and UV illumination will
reduce device lifetime.
(12) The array temperature cannot be measured directly and must be computed analytically from the temperature measured at test point 1
(TP1) shown in Figure 18 and the Package Thermal Resistance using Micromirror Array Temperature Calculation.
(13) Per Figure 1, the maximum operational array temperature should be derated based on the micromirror landed duty cycle that the DMD
experiences in the end application. Refer to Micromirror Landed-On/Landed-Off Duty Cycle for a definition of micromirror landed duty
cycle.
(14) Long-term is defined as the usable life of the device
(15) Short-term is the total cumulative time over the useful life of the device.
(16) Temperature delta is the highest difference between the ceramic test point 1 (TP1) and anywhere on the window edge shown in
Figure 18. The window test points TP2 and TP3 shown in Figure 18 are intended to result in the worst case delta temperature. If a
particular application causes another point on the window edge to result in a larger delta temperature, that point should be used.
(17) Window temperature is the highest temperature on the window edge shown in Figure 18. The locations of thermal test points TP2 and
TP3 in Figure 18 are intended to measure the highest window edge temperature. If a particular application causes another point on the
window edge to result in a larger delta temperature, that point should be used.
(18) The average over time (including storage and operating) that the device is not in the elevated dew point temperature range.
(19) Exposure to dew point temperatures in the elevated range during storage and operation should be limited to less than a total cumulative
time of CTELR.
(20) The maximum marginal ray angle of the incoming illumination light at any point in the micromirror array, including Pond of Micromirrors
(POM), should not exceed 55 degrees from the normal to the device array plane. The device window aperture has not necessarily been
designed to allow incoming light at higher maximum angles to pass to the micromirrors, and the device performance has not been tested
nor qualified at angles exceeding this. Illumination light exceeding this angle outside the micromirror array (including POM) will
contribute to thermal limitations described in this document, and may negatively affect lifetime.
ENVIRONMENTAL
TARRAY
Array Temperature – long-term
operational(11)(12)(13)(14)
0
40 to
70(13)
°C
Array Temperature - short-term operational,
25 hr max(12)(15)
–20
–10
Array Temperature - short-term operational,
500 hr max(12)(15)
–10
0
Array Temperature – short-term operational,
500 hr max(12)(15)
70
75
|TDELTA |
Absolute Temperature difference between
any point on the window edge and the
ceramic test point TP1 (16)
30
°C
TWINDOW
Window temperature – operational(11)(17)
90
°C
TDP-AVG
Average dew point temperature (non-
condensing)(18)
24
°C
TDP-ELR
Elevated dew point temperature range (non-
condensing)(19)
28
36
°C
CTELR
Cumulative time in elevated dew point
temperature range
6
Months
ILLUV
Illumination wavelengths < 420 nm(11)
0.68
mW/cm2
ILLVIS
Illumination wavelengths between 420 nm
and 700 nm
Thermally
limited
ILLIR
Illumination wavelengths > 700 nm
10
mW/cm2
ILLθ
Illumination marginal ray angle(20)
55
deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com