Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLP4555MPX Datasheet(PDF) 10 Page - ON Semiconductor

Part # FXLP4555MPX
Description  SIM Card Power Supply and Level Shifter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FXLP4555MPX Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FXLP4555MPX Datasheet HTML 6Page - ON Semiconductor FXLP4555MPX Datasheet HTML 7Page - ON Semiconductor FXLP4555MPX Datasheet HTML 8Page - ON Semiconductor FXLP4555MPX Datasheet HTML 9Page - ON Semiconductor FXLP4555MPX Datasheet HTML 10Page - ON Semiconductor FXLP4555MPX Datasheet HTML 11Page - ON Semiconductor FXLP4555MPX Datasheet HTML 12Page - ON Semiconductor FXLP4555MPX Datasheet HTML 13Page - ON Semiconductor FXLP4555MPX Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLP4555 • Rev. 1.0.0
9
Typical Performance Characteristics
Figure 4. Short-Circuit Current ,(IVCC_C_SC) vs.
Temperature VCC_C=1.8V (VSEL=LOW)
Figure 5. Short-Circuit Current, (IVCC_C_SC) vs.
Temperature VCC_C=3.0V (VSEL=HIGH)
Figure 6. IVBAT vs. Temperature at VCC_C=3.0V
(VSEL=HIGH)
Figure 7. IVBAT vs. Temperature at VCC_C=1.8V
(VSEL=LOW)
V
BAT =
 5.5V
V
BAT =
 2.7V
50
70
90
110
130
150
‐50
‐30
‐10
10
30
50
70
90
Temperature
 (°C)
V
BAT =
 5.5V
V
BAT
 = 3.1V
5
10
15
20
25
‐50
0
50
TEMPERATURE
  ( °C)
V
BAT =
 5.5V
V
BAT =
 2.7V
5
10
15
20
25
‐50
‐30
‐10
10
30
50
70
90
TEMPERATURE
  ( °C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com