Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLP4555MPX Datasheet(PDF) 3 Page - ON Semiconductor

Part # FXLP4555MPX
Description  SIM Card Power Supply and Level Shifter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FXLP4555MPX Datasheet(HTML) 3 Page - ON Semiconductor

  FXLP4555MPX Datasheet HTML 1Page - ON Semiconductor FXLP4555MPX Datasheet HTML 2Page - ON Semiconductor FXLP4555MPX Datasheet HTML 3Page - ON Semiconductor FXLP4555MPX Datasheet HTML 4Page - ON Semiconductor FXLP4555MPX Datasheet HTML 5Page - ON Semiconductor FXLP4555MPX Datasheet HTML 6Page - ON Semiconductor FXLP4555MPX Datasheet HTML 7Page - ON Semiconductor FXLP4555MPX Datasheet HTML 8Page - ON Semiconductor FXLP4555MPX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLP4555 • Rev. 1.0.0
2
Application Diagram
Figure 1.
Typical Application
Functional Block Diagram
Figure 2.
Block Diagram
1
13
15
14
7
11
8
9
LDO:
1.8V/3V
at 50mA
5
VBAT
VCC_C
2
3
VCCA
VSEL
I/O_H
CLK_H
RST_H
RST_C
CLK_C
I/O_C
Unidirectional
Driver
Unidirectional
Driver
Bidirectional NpassGate
With Edge Rate
Accelerators
18K
14K
10
GND
EN
GND
GND
GND
GND
VCCA
VCC_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com