Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD11801 Datasheet(PDF) 3 Page - Solitron Devices Inc.

Part # SD11801
Description  1200V Silicon Carbide Schottky Diode - 1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.

SD11801 Datasheet(HTML) 3 Page - Solitron Devices Inc.

  SD11801 Datasheet HTML 1Page - Solitron Devices Inc. SD11801 Datasheet HTML 2Page - Solitron Devices Inc. SD11801 Datasheet HTML 3Page - Solitron Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SD11801
1200V Silicon Carbide Schottky Diode - 3
Solitron Devices, Inc. • 3301 Electronics Way, West Palm Beach, Florida 33407, USA • +1 561-848-4311 • sales@solitrondevices.com
© 2019 Solitron Devices, Inc.
This document is believed to be correct at the time of publication and Solitron Devices accepts no responsibility for consequences from printing errors or inaccuracies. All specifications are subject to change without notice.
ELECTRICAL SPECIFICATIONS
Typical @ 25°C unless otherwise noted
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Blocking Voltage
V
DC
1200
1300
V
Forward Voltage
I
F = 10A, TJ = 25°C
I
F = 10A, TJ = 125°C
V
F
1.4
1.7
V
V
Reverse Current
V
R = 1400V, TJ = 25°C
V
R = 1400V, TJ = 125°C
I
RM
12
80
200
1000
µA
µA
Total Capacitive Charge
I
F = 10A
Q
C
19
nC
Total Capacitance
100V, f = 1MHz
200V, f = 1MHz
400V, f = 1MHz
600V, f = 1MHz
800V, f = 1MHz
1000V, f = 1MHz
C
77
56
41
39
39
39
pF
Switching Time
I
F = 10A
T
rr
20
ns
PACKAGE OUTLINE - TO-247-2L
THERMAL AND MECHANICAL CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Thermal Resistance, Junction to Case
R
Ө(JC)
1.7
°C/W
Weight
W
5.7
5.9
g
Mounting Torque
M
S
1.4
1.76
N-m
PIN DESCRIPTION
Pin
Description
1
Cathode
2
Anode
SCHEMATIC
1
2
0.140 (3.26)
0.242 (6.15)
0.626
(15.90)
0.250
(6.35)
0.506
(12.85)
0.220 (5.60)
0.173 (4.40)
0.819 (20.80)
0.823 (20.90)
0.168 (4.27)
0.798 (20.27)
0.078
(1.98)
0.047
(1.19)
0.023
(0.58)
0.094
(2.40)
0.079
(2.00)
0.198
(5.08)
0.428
(10.87)
0.120
(3.05)
0.025 ±0.005
(0.64 ±0.13)
dia. 0.118 x 0.007 (dia. 3.0 x 0.18)
DEEP MAX. EJECTOR PIN MARKS [x2]
HEATSINK SURFACE
TAPERED HOLE
dia. 0.138~0.144 (dia, 3.50~3.65) HEATSINK SIDE
dia. 0.145 (dia. 3.68) FRONT SIDE
1
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com