Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD11801 Datasheet (PDF) - Solitron Devices Inc.

SD11801 Datasheet PDF - Solitron Devices Inc.
Part # SD11801
Download  SD11801 Download
File Size   110.27 Kbytes
Page   3 Pages
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.
Description 1200V Silicon Carbide Schottky Diode - 1

SD11801 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD11801 Datasheet PDF - Solitron Devices Inc.

Part # SD11801
Download  SD11801 Click to download

File Size   110.27 Kbytes
Page   3 Pages
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.
Description 1200V Silicon Carbide Schottky Diode - 1

SD11801 Datasheet (HTML) - Solitron Devices Inc.




Similar Part No. - SD11801

ManufacturerPart #DatasheetDescription
logo
Solitron Devices Inc.
SD11800 SOLITRON-SD11800 Datasheet
111Kb / 3P
1200V Silicon Carbide Schottky Diode - 1
SD11803 SOLITRON-SD11803 Datasheet
123Kb / 3P
1200V 10A Silicon Carbide Schottky
SD11806 SOLITRON-SD11806 Datasheet
1Mb / 3P
Dual 1200V Silicon Carbide Schottky
SD11807 SOLITRON-SD11807 Datasheet
1Mb / 3P
650V Silicon Carbide Schottky
SD11808 SOLITRON-SD11808 Datasheet
137Kb / 2P
1700V 10A Silicon Carbide Schottky
More results


Similar Description - SD11801

ManufacturerPart #DatasheetDescription
logo
Solitron Devices Inc.
SD11800 SOLITRON-SD11800 Datasheet
111Kb / 3P
1200V Silicon Carbide Schottky Diode - 1
SDD10120AD SOLITRON-SDD10120AD Datasheet
128Kb / 3P
Dual 1200V Silicon Carbide Schottky Diode - 1
logo
Shenzhen Meipusen Semic...
MS2H20120V1 MAPLESMI-MS2H20120V1 Datasheet
314Kb / 4P
1200V Silicon Carbide Diode
MS2H40120V1 MAPLESMI-MS2H40120V1 Datasheet
245Kb / 4P
1200V Silicon Carbide Diode
MSD02120V1 MAPLESMI-MSD02120V1 Datasheet
396Kb / 4P
1200V Silicon Carbide Diode
MSD05120V1 MAPLESMI-MSD05120V1 Datasheet
390Kb / 4P
1200V Silicon Carbide Diode
MSF10120V1 MAPLESMI-MSF10120V1 Datasheet
265Kb / 4P
1200V Silicon Carbide Diode
MSH20120V1 MAPLESMI-MSH20120V1 Datasheet
215Kb / 3P
1200V Silicon Carbide Diode
MSP05120V1 MAPLESMI-MSP05120V1 Datasheet
336Kb / 4P
1200V Silicon Carbide Diode
MSP10120V1 MAPLESMI-MSP10120V1 Datasheet
302Kb / 4P
1200V Silicon Carbide Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com