Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD11808 Datasheet (PDF) - Solitron Devices Inc.

SD11808 Datasheet PDF - Solitron Devices Inc.
Part # SD11808
Download  SD11808 Download
File Size   137.16 Kbytes
Page   2 Pages
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.
Description 1700V 10A Silicon Carbide Schottky

SD11808 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD11808 Datasheet PDF - Solitron Devices Inc.

Part # SD11808
Download  SD11808 Click to download

File Size   137.16 Kbytes
Page   2 Pages
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.
Description 1700V 10A Silicon Carbide Schottky

SD11808 Datasheet (HTML) - Solitron Devices Inc.


SD11808 Product details

KEY FEATURES
NO REVERSE RECOVERY / NO FORWARD RECOVERY
NEAR ZERO SWITCH LOSS
SWITCHING BEHAVIOR INDEPENDENT OF TEMPERATURE
200°C OPERATING TEMPERATURE
ISOLATED CASE
HERMETIC PACKAGE
TX, TXV AND SPACE LEVEL SCREENING AVAILABLE

BENEFITS
PARALLEL DEVICES WITHOUT THERMAL RUNAWAY
HIGHER EFFECIENCY
SMALLER HEAT SINK
IDEAL FOR EXTREME ENVIRONMENT APPLICATIONS

APPLICATIONS
AEROSPACE
HIGH EFFICIENCY CONVERTERS & MOTOR DRIVES
POWER SUPPLIES




Similar Part No. - SD11808

ManufacturerPart #DatasheetDescription
logo
Solitron Devices Inc.
SD11800 SOLITRON-SD11800 Datasheet
111Kb / 3P
1200V Silicon Carbide Schottky Diode - 1
SD11801 SOLITRON-SD11801 Datasheet
110Kb / 3P
1200V Silicon Carbide Schottky Diode - 1
SD11803 SOLITRON-SD11803 Datasheet
123Kb / 3P
1200V 10A Silicon Carbide Schottky
SD11806 SOLITRON-SD11806 Datasheet
1Mb / 3P
Dual 1200V Silicon Carbide Schottky
SD11807 SOLITRON-SD11807 Datasheet
1Mb / 3P
650V Silicon Carbide Schottky
More results


Similar Description - SD11808

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR10C30 SSDI-SSR10C30 Datasheet
142Kb / 2P
10A / 300V Schottky Silicon Carbide
logo
Microsemi Corporation
MSICSN10060CC MICROSEMI-MSICSN10060CC Datasheet
80Kb / 3P
10A / 600V Silicon Carbide Dual Schottky Rectifier
logo
Infineon Technologies A...
IMBF170R1K0M1 INFINEON-IMBF170R1K0M1 Datasheet
1Mb / 16P
CoolSiC??1700V SiC Trench MOSFET Silicon Carbide MOSFET
Datasheet 2.2 2020-12-11
logo
GeneSiC Semiconductor, ...
GD10MPS17H GENESIC-GD10MPS17H Datasheet
517Kb / 7P
1700V 10A SiC Schottky MPS??Diode
logo
Rectron Semiconductor
SC2S17010A RECTRON-SC2S17010A Datasheet
460Kb / 5P
1700V/ 10ASiliconCarbidePowerSchottkyBarrierDiode
SC2S17015A RECTRON-SC2S17015A Datasheet
311Kb / 5P
1700V/ 15ASiliconCarbidePowerSchottkyBarrierDiode
SC3S17015A RECTRON-SC3S17015A Datasheet
521Kb / 5P
1700V/ 15A Silicon Carbide Power Schottky Barrier Diode
logo
First Silicon Co., Ltd
F2CD10170P FS-F2CD10170P Datasheet
598Kb / 5P
1700V Silicon Carbide
2022.05.25 Revision No : 0
logo
General Electric Compan...
GE17042BCA3 GEC-GE17042BCA3 Datasheet
710Kb / 9P
1700V Dual Silicon Carbide Power Module
Rev 1.1 -Public Release - January 18, 2022
GE17042CCA3 GEC-GE17042CCA3 Datasheet
663Kb / 9P
1700V Half-Bridge Silicon Carbide Power Module
Rev 1.1 -Public Release - January 18, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com