Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDP117NHG Datasheet(PDF) 5 Page - Solitron Devices Inc.

Part # SDP117NHG
Description  MICROCIRCUIT, LINEAR, ADJUSTABLE VOLTAGE REGULATOR, MONOLITHIC SILICON
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.

SDP117NHG Datasheet(HTML) 5 Page - Solitron Devices Inc.

  SDP117NHG Datasheet HTML 1Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 2Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 3Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 4Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 5Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 6Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 7Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 8Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 9Page - Solitron Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-99612
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
5
DSCC FORM 2234
APR 97
3.7 Certificate of compliance. A certificate of compliance shall be required from a manufacturer in order to supply to this
drawing. The certificate of compliance (original copy) submitted to DLA Land and Maritime -VA shall affirm that the
manufacturer's product meets the performance requirements of MIL-PRF-38534 and herein.
3.8 Certificate of conformance. A certificate of conformance as required in MIL-PRF-38534 shall be provided with each lot of
microcircuits delivered to this drawing.
4. VERIFICATION
4.1 Sampling and inspection. Sampling and inspection procedures shall be in accordance with MIL-PRF-38534 or as
modified in the device manufacturer's Quality Management (QM) plan. The modification in the QM plan shall not affect the form,
fit, or function as described herein.
4.2 Screening. Screening shall be in accordance with MIL-PRF-38534. The following additional criteria shall apply:
a.
Burn-in test, method 1015 of MIL-STD-883.
(1)
Test condition A, B, C, or D. The test circuit shall be maintained by the manufacturer under document revision level
control and shall be made available to either DLA Land and Maritime -VA or the acquiring activity upon request.
Also, the test circuit shall specify the inputs, outputs, biases, and power dissipation, as applicable, in accordance
with the intent specified in test method 1015 of MIL-STD-883.
(2)
TA as specified in accordance with table I of method 1015 of MIL-STD-883.
b.
Interim and final electrical test parameters shall be as specified in table II herein, except interim electrical parameter
tests prior to burn-in are optional at the discretion of the manufacturer.
4.3 Conformance and periodic inspections. Conformance inspection (CI) and periodic inspection (PI) shall be in accordance
with MIL-PRF-38534 and as specified herein.
4.3.1 Group A inspection (CI). Group A inspection shall be in accordance with MIL-PRF-38534 and as follows:
a.
Tests shall be as specified in table II herein.
b.
Subgroups 7, 8, 9, 10, and 11 shall be omitted.
4.3.2 Group B inspection (PI). Group B inspection shall be in accordance with MIL-PRF-38534.
4.3.3 Group C inspection (PI). Group C inspection shall be in accordance with MIL-PRF-38534 and as follows:
a.
End-point electrical parameters shall be as specified in table II herein.
b.
Steady-state life test, method 1005 of MIL-STD-883.
(1)
Test condition A, B, C, or D. The test circuit shall be maintained by the manufacturer under document revision level
control and shall be made available to either DLA Land and Maritime -VA or the acquiring activity upon request.
Also, the test circuit shall specify the inputs, outputs, biases, and power dissipation, as applicable, in accordance
with the intent specified in method 1005 of MIL-STD-883.
(2)
TA as specified in accordance with table I of method 1005 of MIL-STD-883.
(3)
Test duration: 1,000 hours, except as permitted by method 1005 of MIL-STD-883.
4.3.4 Group D inspection (PI). Group D inspection shall be in accordance with MIL-PRF-38534.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com