Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDP117NHG Datasheet(PDF) 9 Page - Solitron Devices Inc.

Part # SDP117NHG
Description  MICROCIRCUIT, LINEAR, ADJUSTABLE VOLTAGE REGULATOR, MONOLITHIC SILICON
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.

SDP117NHG Datasheet(HTML) 9 Page - Solitron Devices Inc.

Back Button SDP117NHG Datasheet HTML 5Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 6Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 7Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 8Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 9Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 10Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 11Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 12Page - Solitron Devices Inc. SDP117NHG Datasheet HTML 13Page - Solitron Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-99612
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
9
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics – Continued.
Test
Symbol
Conditions
-55
C  T
A  +125C
IL = 8 mA
Group A
subgroups
Device
type
Limits
Unit
unless otherwise specified
Min
Max
Device type 04 - Continued.
Load regulation 2/
RLOAD
VDIFF = 50 V,
8 mA
 I
L  110 mA
1
04
25
mV
VDIFF = 5.0 V,
1
25
8 mA
 I
L  1.5 A
2,3
45
Thermal regulation
VRTH
VIN = -14.6 V,
IL = 1.5 A,
PD = 20 watts, t = 10 ms,
TA = +25C
1
04
5
mV
Ripple rejection 3/
RN
f = 120 Hz, CADJ = 10 F,
VOUT = VREF
4,5,6
04
66
dB
Adjustment pin current
IADJ-1
VDIFF = 3.0 V
1,2,3
04
100
A
IADJ-2
VDIFF = 40 V
1,2,3
100
IADJ-3
VDIFF = 50 V
1,2,3
100
Adjustment pin current
change
I
ADJ
VDIFF = 5.0 V,
8 mA
 I
OUT  1.5 A
1,2,3
04
5
A
IL = 8 mA,
3.0 V
 V
DIFF  50 V
1,2,3
6
Minimum load current
ILMIN
VDIFF = 3.0 V,
VOUT = -1.4 V (forced)
1,2,3
04
3
mA
VDIFF = 10 V,
VOUT = -1.4 V (forced)
1,2,3
3
VDIFF = 40 V,
VOUT = -1.4 V (forced)
1,2,3
5
VDIFF = 50 V,
VOUT = -1.4 V (forced)
1,2,3
5
Current limit 3/
ICL
VDIFF = 5 V
1,2,3
04
1.5
3.5
A
VDIFF = 50 V
1
0.2
1.0
1/ To determine the line regulation limits for 3.0 V < VDIFF < 60 V (or 3.3 V  VDIFF  60 V) add the limits for
3.0 V < VDIFF < 40 V (or 3.3 V  VDIFF  40 V) to the limits for 40 V < VDIFF < 60 V.
2/ Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in
output voltage due to heating effects are covered under the specification for thermal regulation. With exception of
cases U and Z, all output measurements are referenced to the case. Measurements taken at the output lead must
be adjusted for lead resistance.
3/ If not tested, shall be guaranteed to the specified limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com