Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDP117THD Datasheet(PDF) 13 Page - Solitron Devices Inc.

Part # SDP117THD
Description  MICROCIRCUIT, LINEAR, ADJUSTABLE VOLTAGE REGULATOR, MONOLITHIC SILICON
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.

SDP117THD Datasheet(HTML) 13 Page - Solitron Devices Inc.

Back Button SDP117THD Datasheet HTML 6Page - Solitron Devices Inc. SDP117THD Datasheet HTML 7Page - Solitron Devices Inc. SDP117THD Datasheet HTML 8Page - Solitron Devices Inc. SDP117THD Datasheet HTML 9Page - Solitron Devices Inc. SDP117THD Datasheet HTML 10Page - Solitron Devices Inc. SDP117THD Datasheet HTML 11Page - Solitron Devices Inc. SDP117THD Datasheet HTML 12Page - Solitron Devices Inc. SDP117THD Datasheet HTML 13Page - Solitron Devices Inc. SDP117THD Datasheet HTML 14Page - Solitron Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-99612
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
13
DSCC FORM 2234
APR 97
TABLE II. Electrical test requirements.
MIL-PRF-38534 test requirements
Subgroups
(in accordance with
MIL-PRF-38534, group A
test table)
Interim electrical parameters
1
Final electrical parameters
1*, 2, 3, 4**, 5**, 6**
Group A test requirements
1, 2, 3
Group C end-point electrical 1/
parameters
1,2,3
End-point electrical parameters
for Radiation Hardness Assurance
(RHA) devices
Not applicable
1/
As a minimum, for all Group C testing performed after (11-05-20)
manufacturers shall perform subgroups 1, 2, and 3 from the Group A
electrical test table (Table C-Xa of MIL-PRF-38534).
*
PDA applies to subgroup 1.
**
Subgroups 4, 5, and 6, if not tested shall be guaranteed to the limits
specified in table I.
4.3.5 Radiation Hardness Assurance (RHA) inspection. RHA inspection is not currently applicable to this drawing.
5. PACKAGING
5.1 Packaging requirements. The requirements for packaging shall be in accordance with MIL-PRF-38534.
6. NOTES
6.1 Intended use. Microcircuits conforming to this drawing are intended for use for Government microcircuit applications
(original equipment), design applications, and logistics purposes.
6.2 Replaceability. Microcircuits covered by this drawing will replace the same generic device covered by a contractor-
prepared specification or drawing.
6.3 Configuration control of SMD's. All proposed changes to existing SMD's will be coordinated as specified in MIL-PRF-
38534.
6.4 Record of users. Military and industrial users shall inform DLA Land and Maritime when a system application requires
configuration control and the applicable SMD. DLA Land and Maritime will maintain a record of users and this list will be used
for coordination and distribution of changes to the drawings. Users of drawings covering microelectronic devices (FSC 5962)
should contact DLA Land and Maritime - VA, telephone (614) 692-0544.
6.5 Comments. Comments on this drawing should be directed to DLA Land and Maritime -VA, Columbus, Ohio 43218-3990,
or telephone (614) 692-1081.
6.6 Sources of supply. Sources of supply are listed in MIL-HDBK-103 and QML-38534. The vendors listed in MIL-HDBK-103
and QML-38534 have submitted a certificate of compliance (see 3.7 herein) to DLA Land and Maritime - VA and have agreed to
this drawing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com