Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDP117THD Datasheet(PDF) 2 Page - Solitron Devices Inc.

Part # SDP117THD
Description  MICROCIRCUIT, LINEAR, ADJUSTABLE VOLTAGE REGULATOR, MONOLITHIC SILICON
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.

SDP117THD Datasheet(HTML) 2 Page - Solitron Devices Inc.

  SDP117THD Datasheet HTML 1Page - Solitron Devices Inc. SDP117THD Datasheet HTML 2Page - Solitron Devices Inc. SDP117THD Datasheet HTML 3Page - Solitron Devices Inc. SDP117THD Datasheet HTML 4Page - Solitron Devices Inc. SDP117THD Datasheet HTML 5Page - Solitron Devices Inc. SDP117THD Datasheet HTML 6Page - Solitron Devices Inc. SDP117THD Datasheet HTML 7Page - Solitron Devices Inc. SDP117THD Datasheet HTML 8Page - Solitron Devices Inc. SDP117THD Datasheet HTML 9Page - Solitron Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-99612
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
2
DSCC FORM 2234
APR 97
1. SCOPE
1.1 Scope. This drawing documents five product assurance classes as defined in paragraph 1.2.3 and MIL-PRF-38534. A
choice of case outlines and lead finishes which are available and are reflected in the Part or Identifying Number (PIN). When
available, a choice of radiation hardness assurance levels are reflected in the PIN.
1.2 PIN. The PIN shall be as shown in the following example:
5962
-
99612
01
H
X
X
Federal
stock class
designator
RHA
designator
(see 1.2.1)
Device
type
(see 1.2.2)
Device
class
designator
Case
outline
(see 1.2.4)
Lead
finish
(see 1.2.5)
\
/
(see 1.2.3)
\/
Drawing number
1.2.1 Radiation hardness assurance (RHA) designator. RHA marked devices shall meet the MIL-PRF-38534 specified RHA
levels and shall be marked with the appropriate RHA designator. A dash (-) indicates a non-RHA device.
1.2.2 Device type(s). The device type(s) identify the circuit function as follows:
Device type
Generic number
1/
Circuit function
01
SDP117
Positive adjustable voltage regulator
02
SDP117HV
Positive adjustable voltage regulator, high voltage
03
SDP137
Negative adjustable voltage regulator
04
SDP137HV
Negative adjustable voltage regulator, high voltage
1.2.3 Device class designator. This device class designator shall be a single letter identifying the product assurance level.
All levels are defined by the requirements of MIL-PRF-38534 and require QML Certification as well as qualification (Class H, K,
and E) or QML Listing (Class G and D). The product assurance levels are as follows:
Device class
Device performance documentation
K
Highest reliability class available. This level is intended for use in space
applications.
H
Standard military quality class level. This level is intended for use in applications
where non-space high reliability devices are required.
G
Reduced testing version of the standard military quality class. This level uses the
Class H screening and In-Process Inspections with a possible limited temperature
range, manufacturer specified incoming flow, and the manufacturer guarantees (but
may not test) periodic and conformance inspections (Group A, B, C and D).
E
Designates devices which are based upon one of the other classes (K, H, or G)
with exception(s) taken to the requirements of that class. These exception(s) must
be specified in the device acquisition document; therefore the acquisition document
should be reviewed to ensure that the exception(s) taken will not adversely affect
system performance.
D
Manufacturer specified quality class. Quality level is defined by the manufacturers
internal, QML certified flow. This product may have a limited temperature range.
1/ The SDP117, SDP117HV, SDP137, and SDP137HV are similar to the LM117, LM117HV, LM137, and LM137HV
listed on Standard Microcircuit Drawing 77034.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com