Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7205AL Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT7205AL
Description  Programmable SMPS and USB Type-C Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7205AL Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT7205AL Datasheet HTML 9Page - Richtek Technology Corporation RT7205AL Datasheet HTML 10Page - Richtek Technology Corporation RT7205AL Datasheet HTML 11Page - Richtek Technology Corporation RT7205AL Datasheet HTML 12Page - Richtek Technology Corporation RT7205AL Datasheet HTML 13Page - Richtek Technology Corporation RT7205AL Datasheet HTML 14Page - Richtek Technology Corporation RT7205AL Datasheet HTML 15Page - Richtek Technology Corporation RT7205AL Datasheet HTML 16Page - Richtek Technology Corporation RT7205AL Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
RT7205A
13
DS7205A-00
February 2018
www.richtek.com
©
Copyright
2018 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Initial Output Low Clamping
Voltage before Start-up
VOL_VG_INI
VDD = 2.5V, ISINK = 50mA
--
--
1
V
Internal Pull-Low Resistor
RGS_LOW
--
20
--
k
Ω
V_TR Section
V_TR Internal Resistance
RVDS2
4.56
4.80
5.04
k
Ω
V_TR Sample and Hold Error
ESH_VTR
(|VV_TR_HIGH - VVTR_SH| /
VV_TR_HIGH) x 100
--
5
--
%
V_TR Sample and Hold
Threshold
KVTR_SH
VTH_SH = KVTR_SH x
VV_TR_HIGH[n-1]
--
0.875
--
--
Mask Time
tMASK
VV_TR > VTH_SH
--
300
--
ns
Register-Programmable V_TR
Blanking Time
tBLANK_ VTR
VV_TR > VTH_SH
(Note 5)
000
0.4
0.5
0.6
µs
001
0.6
0.7
0.8
010
0.8
0.9
1.0
011
1.0
1.1
1.2
100
1.2
1.3
1.4
101
1.4
1.5
1.6
110
1.6
1.7
1.8
111
1.8
1.9
2
Register-Programmable V_TR
Under Voltage Threshold
VTH_VTR_UV
If VV_TR_HIGH - (VOUT
x KVDS_SR) >
VTH_VTR_UV,
SR driver is active.
000
Disable
V
001
0.3
0.4
0.5
010
0.25
0.35
0.45
011
0.2
0.3
0.4
100
0.15
0.25
0.35
101
0.1
0.2
0.3
110
0.05
0.15
0.25
111
0
0.1
0.2
Low Level Threshold for Input
Voltage
KVIN_LOW
When VV_TR < KVIN_LOW x
VOUT, It will send an
interrupt to MCU.
2.0
2.2
2.4
--
V_TR Over-Voltage Threshold
VTH_VTR_OV
V9 = 4.5V
2.8
3.0
3.2
V
Low Level Threshold for V_TR
Falling Edge Detection and
Dead Time Comparison
Threshold
VTH_VTR_DT
0.05
0.10
0.15
V
Dead Time Comparator Delay
tD_DT
(Note 5)
--
--
40
ns
Dead Time Comparator
Blanking Time
tBLANK_DT
Disable dead time
comparator on VG rising
edge
--
700
--
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com