Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7205AL Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT7205AL
Description  Programmable SMPS and USB Type-C Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7205AL Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT7205AL Datasheet HTML 1Page - Richtek Technology Corporation RT7205AL Datasheet HTML 2Page - Richtek Technology Corporation RT7205AL Datasheet HTML 3Page - Richtek Technology Corporation RT7205AL Datasheet HTML 4Page - Richtek Technology Corporation RT7205AL Datasheet HTML 5Page - Richtek Technology Corporation RT7205AL Datasheet HTML 6Page - Richtek Technology Corporation RT7205AL Datasheet HTML 7Page - Richtek Technology Corporation RT7205AL Datasheet HTML 8Page - Richtek Technology Corporation RT7205AL Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
RT7205A
2
DS7205A-00
February 2018
www.richtek.com
©
Copyright
2018 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
RT7205A Version Table
Version
RT7205A
RT7205AL
Maximum Output Voltage
12V
5V
VDS SCALE
RVDS2 / (RVDS1 + RVDS2)
1/26
1/13
VOUT SCALE
RFB2 / (RFB1 + RFB2)
1/5
1/2.5
Built-in FB Resistors
O
O
Blocking MOSFET Driver
N-MOSFET
N-MOSFET
WQFN-24L 4x4
(TOP VIEW)
Pin Configuration
V_TR
CS+
CS-
D-
D+
CC_GND
V2
AGND
VDD
USBP
OVP
VDD
GND
1
2
3
4
5
6
7
8
9
10
12
11
18
17
16
15
14
13
21 20 19
24
22
23
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com