Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2701 Datasheet(PDF) 2 Page - Injoinic Technology Co.,Ltd.

Part # IP2701
Description  Integrated 7 protocols for fast charging protocol ICs for USB ports
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2701 Datasheet(HTML) 2 Page - Injoinic Technology Co.,Ltd.

  IP2701 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP2701 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP2701 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP2701 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP2701 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP2701 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP2701 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP2701 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP2701 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IP2161
V1.03
http://www.injoinic.com/
2 / 9
Copyright © 2017, Injoinic Corp.
4. 典型应用原理图
IP2161
FB
SEL
VCC
DM
DP
GND
2kOhm
1uF
R1
VBUS
DM
DP
GND
USB
Connector
VOUT
FB
R2
1uF
3.6V~12V
带FB反馈端
的电源芯片
R1推荐值:100kOhm(精度1%)
R2根据所用电源芯片取值
SEL
Voltage
高电平
12V
浮空
9V
GND
5V
5. 引脚定义
IP2161
FB
GND
DP
VCC
SEL
DM
3
2
1
4
5
6
引脚名
引脚编号
引脚描述
DP
1
连接 USB DP 引脚
GND
2
地引脚
FB
3
连接到外部电源的反馈引脚,可以 SINK/SOURCE 电流来调节电压
SEL
4
允许请求的最大电压选择
高电平 V
SELH:12V
浮空:9V
GND:5V
VCC
5
电源输入引脚,加 1uF 电容到地,前级电源芯片输出 VOUT 到 VCC 之间需串联
2kOhm 电阻
DM
6
连接 USB DM 引脚



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com