Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT4938H Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # HT4938H
Description  Electrical Discharge ComputerIzatIon
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT4938H Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  HT4938H Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT4938H Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT4938H Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT4938H Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT4938H Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT4938H Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT4938H Datasheet HTML 7Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HT4938H
1/7
移动电源管理方案
www.hotchip.com.cn
Ver1.1
产品概述
HT4938H 是一款新构架的单片移动电源管
理芯片,采用充放端口共用的先进专利技术,
以及同步整流技术,外围元件少,性能优秀,
可以组建出良好的 1A-in/1A-out 4+1LED 移动
电源。
主要特点
◆ 充电、放电可共用一个端口,智能识别充电
输入/带载输出;
◆ 内置最大 1A 线性充电模式,充电电流外部
可调;
◆ 涓流/恒流/恒压三段式充电,浮充截止电压
4.20V/4.35V 可选,支持对 0V 电池充电;
◆ 内置充电能根据温升降低充电电流,130 度
开始下降,最低可降至 0;
◆ 升压使用同步整流电路,效率最高 90%,
发热低,空载固定 5.1V(典型值)输出,不
需要外部电阻设置;
◆ 升压输出电流 1.0A(BTP=3.6V);充电
◆ 具有恒功率输出功能,有完整的过流,短
路保护,内置温度保护,过温自动停止升压;
◆ 负载插入自动启动升压,负载移除自动休
眠;
◆ 四灯指示方式,更准确指示电池电量,同
时具备电池低压提醒功能;
◆ 具有一个设置苹果 D+,D-分压电阻驱动端
口 DPDN,具备一个 NTC 设置端口,可以
控制系统安全工作温度;
◆ 可以直接驱动 LED 手电灯,最大电流
50mA,不需要外围电阻;
◆ 固定开关频率 1MHZ;
◆ 电池过充、过放保护;
◆ 4KV ESD;
◆ HMSOP16 封装;
典型应用
◆ 移动电源;
◆ 各种备用电源;
◆ 锂电池充电器与电量指示;
典型应用电路图
C2
22uF
KEY
L4
NTC
VCOM
U1
HT4938
B-
B+
Battery
2
1
USB-OUT
1
2
3
4
VCC
D-
D+
GND
L2
L1
LED
L3
DPDN
BTP
VPROG
C1
10uF
LED2
LED3
LED1
PGND
USB-IN
AGND
R1
84.5K
LED4
LX
IPROG
t
LIGHT
KEY
NTC
100K
B3950
R2
150K
VOUT
1
2
3
4
5
VCC
D-
D+
GND
ID
锂
电
保
护
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15


Similar Part No. - HT4938H

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT4932S HOTCHIP-HT4932S Datasheet
1Mb / 8P
Highly integrated and minimal peripheral components
HT4936S HOTCHIP-HT4936S Datasheet
1Mb / 7P
The built-in maximum 1 A linear charging mode of charging current is adjustable
More results

Similar Description - HT4938H

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404344 HITACHI-HD404344 Datasheet
797Kb / 22P
ELECTRICAL SPECIFICATIONS
HD6433258P10 HITACHI-HD6433258P10 Datasheet
797Kb / 22P
ELECTRICAL SPECIFICATIONS
logo
Bel Fuse Inc.
S560-6600-FU BEL-S560-6600-FU Datasheet
167Kb / 2P
ELECTRICAL SPECIFICATIONS
S560-6600-GM BEL-S560-6600-GM Datasheet
118Kb / 2P
ELECTRICAL SPECIFICATIONS
S560-6600-HA BEL-S560-6600-HA Datasheet
157Kb / 2P
ELECTRICAL SPECIFICATIONS
S560-6600-JW BEL-S560-6600-JW Datasheet
115Kb / 2P
ELECTRICAL SPECIFICATION
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
logo
Cooper Bussmann, Inc.
170M1422 COOPER-170M1422 Datasheet
46Kb / 2P
Electrical Characteristics
logo
Wurth Elektronik GmbH &...
749023015 WURTH-749023015 Datasheet
273Kb / 1P
ELECTRICAL SPECIFICATIONS
logo
Ohmite Mfg. Co.
GSERIES OHMITE-GSERIES Datasheet
317Kb / 2P
Capacitor Discharge
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com