Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT4938H Datasheet(PDF) 2 Page - Hotchip Technology Co.,Ltd

Part # HT4938H
Description  Electrical Discharge ComputerIzatIon
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT4938H Datasheet(HTML) 2 Page - Hotchip Technology Co.,Ltd

  HT4938H Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT4938H Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT4938H Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT4938H Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT4938H Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT4938H Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT4938H Datasheet HTML 7Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HT4938H
H
2/7
移动电源管理方案
www.hotchip.com.cn
Ver1.1
引脚定义
电路内部结构框图
L4
充放电
指示灯
BTP
充放
控制
5.1V
VOUT
控制逻辑
PGND
上电检测
EA
LX
OVP
5.8V
OCP
升压控制
L1
IPROG
L2
L3
其他
功能
LED
KEY
1.2K
AGND
DPDN
NTC
VPROG
升压驱动
充电驱动
VCOM
SOP16
引脚名
引脚号
功能说明
VPROG
1
锂电池选择(悬空为 4.20V,短接到地为
4.35V)
NTC
2
NTC
电阻(不需此功能时接到 DPDN 引脚)
LED
3
手电灯
DPDN
4
下拉端(可以驱动 DP,DN 设置电阻)
L4
5
电量指示灯 4
L3
6
电量指示灯 3
L2
7
电量指示灯 2
L1
8
电量指示灯 1
KEY
9
功能开关
VOUT
10
升压输出取样
VCOM
11
输出/输入端
LX
12
升压电感端
PGND
13
功率地
AGND
14
模拟地
IPROG
15
充电电流调整端(短接到地时,充电电流 1A)
BTP
16
电池端
LX
KEY
IPROG
L4
VCOM
1
L2
L1
LED
L3
AGND
BTP
VPROG
2
3
4
5
7
6
8
9
10
11
12
13
14
15
16
PGND
DPDN
NTC
VOUT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com