Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8205 Datasheet(PDF) 4 Page - Fortune Semiconductor Corp.

Part # FS8205
Description  Dual N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8205 Datasheet(HTML) 4 Page - Fortune Semiconductor Corp.

  FS8205 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS8205 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8205 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8205 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8205 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8205 Datasheet HTML 6Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FS8205
6.
Thermal Data
Symbol
Parameter
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient3
Max. 125
℃
/W
7.
Electrical Characteristics
Electrical Characteristics @Tj = 25℃ ( unless otherwise specified )
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
20
-
-
V
Δ
BVDSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=1mA
-
0.1
-
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS = 4.5V, ID = 4A
-
23
28
mΩ
VGS = 2.5V, ID = 3A
-
30
37
mΩ
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250uA
0.45
-
1.2
V
IDSS
Drain-Source Leakage Current (Tj = 25℃)
VDS =16V, VGS = 0V
-
-
1
uA
Drain-Source Leakage Current (Tj = 70℃)
VDS =16V, VGS = 0V
-
-
25
uA
IGSS
Gate-Source Leakage
VGS = ±10V
-
-
±
0.1
uA
8.
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
IS
Continuous Source Current (Body Diode)
VD = VG = 0V, VS = 1.2V
-
-
0.83
A
VSD
Forward On Voltage
2
Tj = 25℃, IS = 1.25A, VGS = 0V
-
-
1.2
V
Notes:
1. Pulse width limited by Max. junction temperature.
2. Pulse width ≦ 300us, duty cycle ≦ 2%.
3. Surface mounted on 1 in
2 copper pad of FR4 board;208℃/W when mounted on Min. copper
pad.
Rev. 1.9
4/4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com