Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8205 Datasheet(PDF) 5 Page - Fortune Semiconductor Corp.

Part # FS8205
Description  Dual N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8205 Datasheet(HTML) 5 Page - Fortune Semiconductor Corp.

  FS8205 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS8205 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8205 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8205 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8205 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8205 Datasheet HTML 6Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FS8205
9.
Typical Characteristics
On-Region characteristics @ Ta=25Deg
-5
0
5
10
15
20
25
0
0.511.52
Vds, Drain to Source Voltage ( V )
2.0V
2.5V
3.0V
3.5V
4.0V
4.5V
On-Region characteristics @ Ta=125Deg
-5
0
5
10
15
20
25
00.5
11.5
2
Vds, Drain to Source Voltage ( V )
2.0V
2.5V
3.0V
3.5V
4.0V
4.5V
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
On-Resistance Variation with Temperature
Vgs=4.5V, Ids=4A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-50
0
50
100
150
Temperature ( Deg )
Gate Threshold Voltage Temperature Coefficient
Vgs=Vdg, Ids=250uA
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-50
0
50
100
150
Temperature ( Deg )
Fig 3. Normalized On-Resistance
Fig 4. Gate Threshold Variation with
Temperature
Forward Characteristic of Rev erse Diode
0
0.5
1
1.5
2
2.5
-0.3
0.2
0.7
1.2
Vsd, Soucre to Drain Voltage ( V )
Ta=25Deg
Ta=125Deg
Fig 5. Forward Characteristic of Reverse Diode
Rev. 1.9
5/5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com