Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BME280 Datasheet(PDF) 29 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 29 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 25Page - Bosch Sensortec GmbH BME280 Datasheet HTML 26Page - Bosch Sensortec GmbH BME280 Datasheet HTML 27Page - Bosch Sensortec GmbH BME280 Datasheet HTML 28Page - Bosch Sensortec GmbH BME280 Datasheet HTML 29Page - Bosch Sensortec GmbH BME280 Datasheet HTML 30Page - Bosch Sensortec GmbH BME280 Datasheet HTML 31Page - Bosch Sensortec GmbH BME280 Datasheet HTML 32Page - Bosch Sensortec GmbH BME280 Datasheet HTML 33Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
Bosch Sensortec | BME280 Data sheet
29 | 55
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS002-15
Revision_1.6_092018
Table 22: Register 0xF4 “ctrl_meas”
Register 0xF4
“ctrl_meas”
Name
Description
Bit 7, 6, 5
osrs_t[2:0]
Controls oversampling of temperature data. See
Table 24 for settings and chapter 3.4.3 for details.
Bit 4, 3, 2
osrs_p[2:0]
Controls oversampling of pressure data. See
Table 23 for settings and chapter 3.4.2 for details.
Bit 1, 0
mode[1:0]
Controls the sensor mode of the device. See Table
25 for settings and chapter 3.3 for details.
Table 23: register settings osrs_p
osrs_p[2:0]
Pressure oversampling
000
Skipped (output set to 0x80000)
001
oversampling ×1
010
oversampling ×2
011
oversampling ×4
100
oversampling ×8
101, others
oversampling ×16
Table 24: register settings osrs_t
osrs_t[2:0]
Temperature oversampling
000
Skipped (output set to 0x80000)
001
oversampling ×1
010
oversampling ×2
011
oversampling ×4
100
oversampling ×8
101, others
oversampling ×16
Table 25: register settings mode
mode[1:0]
Mode
00
Sleep mode
01 and 10
Forced mode
11
Normal mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com