Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BME280 Datasheet(PDF) 49 Page - Bosch Sensortec GmbH

Part # BME280
Description  Combined humidity and pressure sensor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BME280 Datasheet(HTML) 49 Page - Bosch Sensortec GmbH

Back Button BME280 Datasheet HTML 45Page - Bosch Sensortec GmbH BME280 Datasheet HTML 46Page - Bosch Sensortec GmbH BME280 Datasheet HTML 47Page - Bosch Sensortec GmbH BME280 Datasheet HTML 48Page - Bosch Sensortec GmbH BME280 Datasheet HTML 49Page - Bosch Sensortec GmbH BME280 Datasheet HTML 50Page - Bosch Sensortec GmbH BME280 Datasheet HTML 51Page - Bosch Sensortec GmbH BME280 Datasheet HTML 52Page - Bosch Sensortec GmbH BME280 Datasheet HTML 53Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
Bosch Sensortec | BME280 Data sheet
49 | 55
Modifications reserved | Data subject to change without notice
Document number: BST-BME280-DS002-15
Revision_1.6_092018
8. Appendix A: Alternative compensation formulas
8.1 Compensation formulas in double precision floating point
Please note that it is strongly advised to use the API available from Bosch Sensortec to perform
readout and compensation. If this is not wanted, the code below can be applied at the user’s risk. Both
pressure and temperature values are expected to be received in 20 bit format, positive, stored in a 32
bit signed integer. Humidity is expected to be received in 16 bit format, positive, stored in a 32 bit
signed integer.
The variable t_fine (signed 32 bit) carries a fine resolution temperature value over to the pressure
compensation formula and could be implemented as a global variable.
The data type “BME280_S32_t” should define a 32 bit signed integer variable type and could usually
be defined as “long signed int”. The revision of the code is rev. 1.1 (pressure and temperature) and
rev. 1.0 (humidity).
Compensating the measurement value with double precision gives the best possible accuracy but is
only recommended for PC applications.
// Returns temperature in DegC, double precision. Output value of “51.23” equals 51.23 DegC.
// t_fine carries fine temperature as global value
BME280_S32_t t_fine;
double BME280_compensate_T_double(BME280_S32_t adc_T)
{
double var1, var2, T;
var1
= (((double)adc_T)/16384.0 – ((double)dig_T1)/1024.0) * ((double)dig_T2);
var2
= ((((double)adc_T)/131072.0 – ((double)dig_T1)/8192.0) *
(((double)adc_T)/131072.0 – ((double) dig_T1)/8192.0)) * ((double)dig_T3);
t_fine = (BME280_S32_t)(var1 + var2);
T
= (var1 + var2) / 5120.0;
return T;
}
// Returns pressure in Pa as double. Output value of “96386.2” equals 96386.2 Pa = 963.862 hPa
double BME280_compensate_P_double(BME280_S32_t adc_P)
{
double var1, var2, p;
var1 = ((double)t_fine/2.0) – 64000.0;
var2 = var1 * var1 * ((double)dig_P6) / 32768.0;
var2 = var2 + var1 * ((double)dig_P5) * 2.0;
var2 = (var2/4.0)+(((double)dig_P4) * 65536.0);
var1 = (((double)dig_P3) * var1 * var1 / 524288.0 + ((double)dig_P2) * var1) / 524288.0;
var1 = (1.0 + var1 / 32768.0)*((double)dig_P1);
if (var1 == 0.0)
{
return 0; // avoid exception caused by division by zero
}
p = 1048576.0 – (double)adc_P;
p = (p – (var2 / 4096.0)) * 6250.0 / var1;
var1 = ((double)dig_P9) * p * p / 2147483648.0;
var2 = p * ((double)dig_P8) / 32768.0;
p = p + (var1 + var2 + ((double)dig_P7)) / 16.0;
return p;
}
// Returns humidity in %rH as as double. Output value of “46.332” represents
46.332 %rH
double bme280_compensate_H_double(BME280_S32_t adc_H);
{
double var_H;
var_H = (((double)t_fine) – 76800.0);
var_H = (adc_H – (((double)dig_H4) * 64.0 + ((double)dig_H5) / 16384.0 *
var_H)) * (((double)dig_H2) / 65536.0 * (1.0 + ((double)dig_H6) /
67108864.0 * var_H *
(1.0 + ((double)dig_H3) / 67108864.0 * var_H)));
var_H = var_H * (1.0 – ((double)dig_H1) * var_H / 524288.0);
if (var_H > 100.0)
var_H = 100.0;
else if (var_H < 0.0)
var_H = 0.0;
return var_H;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com