Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 9 Page - Bosch Sensortec GmbH

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMM150 Datasheet(HTML) 9 Page - Bosch Sensortec GmbH

Back Button BMM150 Datasheet HTML 5Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 6Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 7Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 8Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 9Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 10Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 11Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 12Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 13Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 9
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
2. Absolute maximum ratings
The absolute maximum ratings are provided in Table 2. At or above these maximum ratings
operability is not given. The specification limits in Chapter 1 only apply under normal operating
conditions.
Table 2: Absolute maximum ratings
Parameter
Condition
Min
Max
Unit
Voltage at Supply Pin
VDD Pin
-0.3
4.0
V
VDDIO Pin
-0.3
4.0
V
Voltage at any Logic Pad
Non-Supply Pin
-0.3
VDDIO +
0.3
V
Operating Temperature, TA
Active operation
-40
+85
°C
Passive Storage Temp. Range
≤ 65% rel. H.
-50
+150
°C
None-volatile memory (NVM)
Data Retention
T = 85°C
10
year
Mechanical Shock according
to JESD22-B111….
Duration ≤ 200µs
10,000
g
Duration ≤ 1.0ms
2,000
g
Free fall onto hard
surfaces
1.8
m
ESD
HBM, at any Pin
2
kV
CDM
500
V
Magnetic field
Any direction
> 7
T
Note:
Stress above these limits may cause damage to the device. Exceeding the specified limits may
affect the device reliability or cause malfunction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com