Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 29 Page - Bosch Sensortec GmbH

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMM150 Datasheet(HTML) 29 Page - Bosch Sensortec GmbH

Back Button BMM150 Datasheet HTML 25Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 26Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 27Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 28Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 29Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 30Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 31Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 32Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 33Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 29
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register (0x4E) contains control bits interrupt settings and axes enable bits. (Also refer to
chapter 0 for the details of magnetometer interrupt operation). If a magnetic measurement
channel is disabled, its last measured magnetic output values will remain in the data registers. If
the Z channel is disabled, the resistance measurement will also be disabled and the resistance
output value will be set to zero. If interrupts are set to trigger on an axis that has been disabled,
these interrupts will still be asserted based on the last measured value.
Table 20: Interrupt settings and axes enable bits control register (0x4E)
(0x4E) Bit
Name
Description
Bit 7
Data Ready Pin En
Enables data ready status mapping on DRDY pin
(active high, default is “0” disabled)
Bit 6
Interrupt Pin En
Enables interrupt status mapping on INT pin
(active high, default is “0” disabled)
Bit 5
Channel Z
Enable z-axis and resistance measurement
(active low, default is “0” enabled)
Bit 4
Channel Y
Enable y-axis
(active low, default is “0” enabled)
Bit 3
Channel X
Enable x-axis
(active low, default is “0” enabled)
Bit 2
DR Polarity
Data ready (DRDY) pin polarity
(“0” is active low, “1” is active high, default is “1”
active high)
Bit 1
Interrupt Latch
Interrupt latching
(“0” means non-latched - interrupt pin is on as long
as the condition is fulfilled, “1” means latched -
interrupt pin is on until interrupt status register 0x4A
is read, default is ‘”1” latched)
Bit 0
Interrupt Polarity
Interrupt pin INT polarity selection
(“1” – is active high, “0” is active low, default is “1”
active high)
Register (0x4F) contains the Low-Threshold interrupt threshold setting. (Also refer to chapter 0
for the details of magnetometer interrupt operation and the threshold setting).
Table 21: Low-threshold interrupt threshold setting control register (0x4F)
(0x4F) Bit
Name
Description
Bit 7
LowThreshold <7>
Bit 7 of Low-Threshold interrupt threshold setting
Bit 6
LowThreshold <6>
Bit 6 of Low-Threshold interrupt threshold setting
Bit 5
LowThreshold <5>
Bit 5 of Low-Threshold interrupt threshold setting
Bit 4
LowThreshold <4>
Bit 4 of Low-Threshold interrupt threshold setting
Bit 3
LowThreshold <3>
Bit 3 of Low-Threshold interrupt threshold setting
Bit 2
LowThreshold <2>
Bit 2 of Low-Threshold interrupt threshold setting
Bit 1
LowThreshold <1>
Bit 1 of Low-Threshold interrupt threshold setting
Bit 0
LowThreshold <0>
Bit 0 of Low-Threshold interrupt threshold setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com