Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5850 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SC5850
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5850 Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SC5850 Datasheet HTML 1Page - Renesas Technology Corp 2SC5850 Datasheet HTML 2Page - Renesas Technology Corp 2SC5850 Datasheet HTML 3Page - Renesas Technology Corp 2SC5850 Datasheet HTML 4Page - Renesas Technology Corp 2SC5850 Datasheet HTML 5Page - Renesas Technology Corp 2SC5850 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.1.00 Aug 10, 2005 page 1 of 5
2SC5850
Silicon NPN Epitaxial
REJ03G0760-0100
(Previous ADE-208-1479)
Rev.1.00
Aug.10.2005
Features
Low frequency amplifier
Outline
1. Emitter
2. Base
3. Collector
1
2
3
RENESAS Package code: PTSP0003ZA-A
(Package name: CMPAK R )
*CMPAK is a trademark of Renesas Technology Corp.
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
VCBO
50
V
Collector to emitter voltage
VCEO
40
V
Emitter to base voltage
VEBO
5
V
Collector current
IC
100
mA
Emitter current
IE
–100
mA
Collector power dissipation
PC*
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +125
°C
*Value on the glass epoxy board (10 mm x 10 mm x 0.7 mm)


Similar Part No. - 2SC5850

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5851 RENESAS-2SC5851 Datasheet
96Kb / 7P
Silicon NPN Epitaxial
2SC5852 RENESAS-2SC5852 Datasheet
88Kb / 6P
Silicon NPN Epitaxial Planar
logo
Toshiba Semiconductor
2SC5855 TOSHIBA-2SC5855 Datasheet
194Kb / 5P
HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION
logo
Inchange Semiconductor ...
2SC5855 ISC-2SC5855 Datasheet
285Kb / 2P
isc Silicon NPN Power Transistor
logo
Toshiba Semiconductor
2SC5856 TOSHIBA-2SC5856 Datasheet
235Kb / 6P
HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION DISPLAY, COLOR TV, DIGITAL TV HIGH SPEED SWITCHING APPLICATIONS
More results

Similar Description - 2SC5850

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC1890A RENESAS-2SC1890A Datasheet
172Kb / 6P
Silicon NPN Epitaxial
2SC2853 RENESAS-2SC2853 Datasheet
169Kb / 7P
Silicon NPN Epitaxial
2SC4196 RENESAS-2SC4196 Datasheet
203Kb / 8P
Silicon NPN Epitaxial
2SC4197 RENESAS-2SC4197 Datasheet
125Kb / 10P
Silicon NPN Epitaxial
2SC4784 RENESAS-2SC4784 Datasheet
220Kb / 9P
Silicon NPN Epitaxial
2SC4901 RENESAS-2SC4901 Datasheet
86Kb / 8P
Silicon NPN Epitaxial
2SC4995 RENESAS-2SC4995 Datasheet
254Kb / 10P
Silicon NPN Epitaxial
2SD667 RENESAS-2SD667 Datasheet
159Kb / 6P
Silicon NPN Epitaxial
2SD1418 RENESAS-2SD1418 Datasheet
98Kb / 6P
Silicon NPN Epitaxial
2SC2396 RENESAS-2SC2396 Datasheet
145Kb / 7P
Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com