Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5850 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5850
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5850 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5850 Datasheet HTML 1Page - Renesas Technology Corp 2SC5850 Datasheet HTML 2Page - Renesas Technology Corp 2SC5850 Datasheet HTML 3Page - Renesas Technology Corp 2SC5850 Datasheet HTML 4Page - Renesas Technology Corp 2SC5850 Datasheet HTML 5Page - Renesas Technology Corp 2SC5850 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SC5850
Rev.1.00 Aug 10, 2005 page 3 of 5
Main Characteristics
DC Current Transfer Ratio vs.
Collector Current
300
0.03
VCE = 12 V
Pulse test
Maximum Collector Dissipation Curve
50
100
150
150
100
50
0
Ambient Temperature
Ta (°C)
*Value on the glass epoxy board
(10 mm x 10 mm x 0.7 mm)
10
5
Typical Output Characteristics
Collector to Emitter Voltage VCE (V)
Pulse test
IB = 0
10
µA
20
30
40
50
60
8
6
4
2
0
101520
25
0.2
0.4
0.6
0.8
1.0
5
4
3
2
1
0
VCE = 12 V
Typical Transfer Characteristics
Base to Emitter Voltage
VBE (V)
0.1
0.3
1.0
3
10
30
200
100
0
Collector Current
IC (mA)
25
Ta =
75°
C
Base to Emitter Voltage vs.
Ambient Temperature
VCE = 12 V
IC = 2 mA
–20
0
20
40
60
80
Ambient Temperature
Ta (°C)
0.9
0.8
0.7
0.6
0.5
0.4
4
8
12
16
20
5
4
3
2
1
0
IE = 0
f = 1 MHz
Collector Output Capacitance vs.
Collector to Base Voltage
Collector to Base Voltage
VCB (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com