Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD8116DGL Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD8116DGL
Description  Flexible Dimming Solution by PWM / 0-10V / Potentiometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8116DGL Datasheet(HTML) 6 Page - Leadtrend Technology

Back Button LD8116DGL Datasheet HTML 2Page - Leadtrend Technology LD8116DGL Datasheet HTML 3Page - Leadtrend Technology LD8116DGL Datasheet HTML 4Page - Leadtrend Technology LD8116DGL Datasheet HTML 5Page - Leadtrend Technology LD8116DGL Datasheet HTML 6Page - Leadtrend Technology LD8116DGL Datasheet HTML 7Page - Leadtrend Technology LD8116DGL Datasheet HTML 8Page - Leadtrend Technology LD8116DGL Datasheet HTML 9Page - Leadtrend Technology LD8116DGL Datasheet HTML 10Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
LD8116D
08/07/2018
6
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8116D-DS-00 August 2018
(VCC=32.0V, TA = 25C unless otherwise specified.)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Open Drain Output Set (OUT Pin)
Output Low Level
@2mA sink current
VOUT_LOW
200
mV
Dimming accuracy of Duty
(Chip to Chip)
*; During DIM Voltage
is from 1.6V to 9.6V
D.A
-2.5
+2.5
%
Output Frequency
FOUT
1.0
1.5
2.0
kHz
Internal OTP (Over Temp. Protection)
OTP Trip level
*
OTP
135
C
OTP Hysteresis
*
ΔOTP
20
C
*: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com