Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD8116DGL Datasheet(PDF) 8 Page - Leadtrend Technology

Part # LD8116DGL
Description  Flexible Dimming Solution by PWM / 0-10V / Potentiometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8116DGL Datasheet(HTML) 8 Page - Leadtrend Technology

Back Button LD8116DGL Datasheet HTML 4Page - Leadtrend Technology LD8116DGL Datasheet HTML 5Page - Leadtrend Technology LD8116DGL Datasheet HTML 6Page - Leadtrend Technology LD8116DGL Datasheet HTML 7Page - Leadtrend Technology LD8116DGL Datasheet HTML 8Page - Leadtrend Technology LD8116DGL Datasheet HTML 9Page - Leadtrend Technology LD8116DGL Datasheet HTML 10Page - Leadtrend Technology LD8116DGL Datasheet HTML 11Page - Leadtrend Technology LD8116DGL Datasheet HTML 12Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
LD8116D
08/07/2018
8
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8116D-DS-00 August 2018
100.0
100.5
101.0
101.5
102.0
102.5
103.0
-40
0
40
80
120
Temperature(℃)
Fig.8 I
DIM_100 VS. Temperature
4.60
4.70
4.80
4.90
5.00
5.10
5.20
-40
0
40
80
120
Temperature(℃)
Fig.9 V
CLAMP_OPEN VS. Temperature
8.00
8.50
9.00
9.50
10.00
10.50
11.00
11.50
12.00
-40
0
40
80
120
Temperature(℃)
Fig. 10
D
VDIM_1.65V (%) vs. Temperature
47.00
47.50
48.00
48.50
49.00
49.50
50.00
50.50
51.00
-40
0
40
80
120
Temperature(℃)
Fig. 11 D
VDIM_5.65V (%) vs. Temperature
88.00
88.50
89.00
89.50
90.00
90.50
91.00
91.50
92.00
-40
0
40
80
120
Temperature(℃)
Fig. 12 D
DVIM_9,65V (%) vs. Temperature
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
5.50
6.00
-40
0
40
80
120
Temperature(℃)
Fig.13 D
OUT_4% VS. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com