Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2161 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # D2161
Description  Standard Practice for Conversion of Kinematic Viscosity to Saybolt Universal Viscosity or to Saybolt Furol Viscosity
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D2161 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button D2161 Datasheet HTML 17Page - List of Unclassifed Manufacturers D2161 Datasheet HTML 18Page - List of Unclassifed Manufacturers D2161 Datasheet HTML 19Page - List of Unclassifed Manufacturers D2161 Datasheet HTML 20Page - List of Unclassifed Manufacturers D2161 Datasheet HTML 21Page - List of Unclassifed Manufacturers D2161 Datasheet HTML 22Page - List of Unclassifed Manufacturers D2161 Datasheet HTML 23Page - List of Unclassifed Manufacturers D2161 Datasheet HTML 24Page - List of Unclassifed Manufacturers D2161 Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
TABLE 3
Continued
Kin Vis,
mm
2/s
(cSt)
Equiv Say Furol
Vis, SFS
Kin Vis,
mm
2/s
(cSt)
Equiv Say Furol
Vis, SFS
Kin Vis,
mm
2/s
(cSt)
Equiv Say Furol
Vis, SFS
Kin Vis,
mm
2/s
(cSt)
Equiv Say Furol
Vis, SFS
At 122°F
At 210°F
At 122°F
At 210°F
At 122°F
At 210°F
At 122°F
At 210°F
250
118.2
119.9
300
141.7
143.8
350
165.2
167.8
400
188.8
191.7
251
118.7
120.4
301
142.2
144.3
351
165.7
168.2
401
189.3
192.2
252
119.1
120.8
302
142.6
144.8
352
166.2
168.7
402
189.7
192.7
253
119.6
121.3
303
143.1
145.3
353
166.6
169.2
403
190.2
193.2
254
120.1
121.8
304
143.6
145.7
354
167.1
169.7
404
190.7
193.6
255
120.5
122.3
305
144.0
146.2
355
167.6
170.2
405
191.1
194.1
256
121.0
122.8
306
144.5
146.7
356
168.1
170.6
406
191.6
194.6
257
121.5
123.2
307
145.0
147.2
357
168.5
171.1
407
192.1
195.1
258
122.0
123.7
308
145.5
147.7
358
169.0
171.6
408
192.6
195.5
259
122.4
124.2
309
145.9
148.1
359
169.5
172.1
409
193.0
196.0
260
122.9
124.7
310
146.4
148.6
360
169.9
172.6
410
193.5
196.5
261
123.4
125.2
311
146.9
149.1
361
170.4
173.0
411
194.0
197.0
262
123.8
125.6
312
147.3
149.6
362
170.9
173.5
412
194.4
197.5
263
124.3
126.1
313
147.8
150.0
363
171.4
174.0
413
194.9
197.9
264
124.8
126.6
314
148.3
150.5
364
171.8
174.5
414
195.4
198.4
265
125.2
127.1
315
148.8
151.0
365
172.3
174.9
415
195.8
198.9
266
125.7
127.5
316
149.2
151.5
366
172.8
175.4
416
196.3
199.4
267
126.2
128.0
317
149.7
152.0
367
173.2
175.9
417
196.8
199.9
268
126.7
128.5
318
150.2
152.4
368
173.7
176.4
418
197.3
200
269
127.1
129.0
319
150.6
152.9
369
174.2
176.9
419
197.7
201
270
127.6
129.5
320
151.1
153.4
370
174.6
177.3
420
198.2
201
271
128.1
129.9
321
151.6
153.9
371
175.1
177.8
421
198.7
202
272
128.5
130.4
322
152.0
154.4
372
175.6
178.3
422
199.1
202
273
129.0
130.9
323
152.5
154.8
373
176.1
178.8
423
199.6
203
274
129.5
131.4
324
153.0
155.3
374
176.5
179.3
424
200
203
275
129.9
131.9
325
153.5
155.8
375
177.0
179.7
425
201
204
276
130.4
132.3
326
153.9
156.3
376
177.5
180.2
426
201
204
277
130.9
132.8
327
154.4
156.7
377
177.9
180.7
427
202
205
278
131.4
133.3
328
154.9
157.2
378
178.4
181.2
428
202
205
279
131.8
133.8
329
155.3
157.7
379
178.9
181.7
429
202
206
280
132.3
134.2
330
155.8
158.2
380
179.4
182.1
430
203
206
281
132.8
134.7
331
156.3
158.7
381
179.8
182.6
431
203
207
282
133.2
135.2
332
156.8
159.1
382
180.3
183.1
432
204
207
283
133.7
135.7
333
157.2
159.6
383
180.8
183.6
433
204
208
284
134.2
136.2
334
157.7
160.1
384
181.2
184.1
434
205
208
285
134.6
136.6
335
158.2
160.6
385
181.7
184.5
435
205
208
286
135.1
137.1
336
158.6
161.1
386
182.2
185.0
436
206
209
287
135.6
137.6
337
159.1
161.5
387
182.7
185.5
437
206
209
288
136.1
138.1
338
159.6
162.0
388
183.1
186.0
438
207
210
289
136.5
138.6
339
160.0
162.5
389
183.6
186.4
439
207
210
290
137.0
139.0
340
160.5
163.0
390
184.1
186.9
440
208
211
291
137.5
139.5
341
161.0
163.5
391
184.5
187.4
441
208
211
292
137.9
140.0
342
161.5
163.9
392
185.0
187.9
442
209
212
293
138.4
140.5
343
161.9
164.4
393
185.5
188.4
443
209
212
294
138.9
140.9
344
162.4
164.9
394
186.0
188.8
444
210
213
295
139.3
141.4
345
162.9
165.4
395
186.4
189.3
445
210
213
296
139.8
141.9
346
163.3
165.8
396
186.9
189.8
446
210
214
297
140.3
142.4
347
163.8
166.3
397
187.4
190.3
447
211
214
298
140.8
142.9
348
164.3
166.8
398
187.8
190.8
448
211
215
299
141.2
143.3
349
164.8
167.3
399
188.3
191.2
449
212
215
D 2161
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com