Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2161 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # D2161
Description  Standard Practice for Conversion of Kinematic Viscosity to Saybolt Universal Viscosity or to Saybolt Furol Viscosity
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D2161 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button D2161 Datasheet HTML 4Page - List of Unclassifed Manufacturers D2161 Datasheet HTML 5Page - List of Unclassifed Manufacturers D2161 Datasheet HTML 6Page - List of Unclassifed Manufacturers D2161 Datasheet HTML 7Page - List of Unclassifed Manufacturers D2161 Datasheet HTML 8Page - List of Unclassifed Manufacturers D2161 Datasheet HTML 9Page - List of Unclassifed Manufacturers D2161 Datasheet HTML 10Page - List of Unclassifed Manufacturers D2161 Datasheet HTML 11Page - List of Unclassifed Manufacturers D2161 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
TABLE 1
Continued
Kin Vis,
mm
2/s
(cSt)
Equivalent Saybolt
Universal
Viscosity, SUS
Kin Vis,
mm
2/s
(cSt)
Equivalent Saybolt
Universal
Viscosity, SUS
Kin Vis,
mm
2/s
(cSt)
Equivalent Saybolt
Universal
Viscosity, SUS
Kin Vis,
mm
2/s
(cSt)
Equivalent Saybolt
Universal
Viscosity, SUS
At 100°F
At 210°F
At 100°F
At 210°F
At 100°F
At 210°F
At 100°F
At 210°F
14.00
73.5
74.0
15.00
77.4
77.9
16.00
81.4
81.9
17.00
85.4
86.0
14.02
73.6
74.1
15.02
77.5
78.0
16.02
81.4
82.0
17.02
85.5
86.0
14.04
73.7
74.2
15.04
77.6
78.1
16.04
81.5
82.1
17.04
85.6
86.1
14.06
73.7
74.2
15.06
77.6
78.2
16.06
81.6
82.2
17.06
85.6
86.2
14.08
73.8
74.3
15.08
77.7
78.2
16.08
81.7
82.2
17.08
85.7
86.3
14.10
73.9
74.4
15.10
77.8
78.3
16.10
81.8
82.3
17.10
85.8
86.4
14.12
74.0
74.5
15.12
77.9
78.4
16.12
81.8
82.4
17.12
85.9
86.5
14.14
74.1
74.6
15.14
78.0
78.5
16.14
81.9
82.5
17.14
86.0
86.5
14.16
74.1
74.6
15.16
78.0
78.6
16.16
82.0
82.6
17.16
86.0
86.6
14.18
74.2
74.7
15.18
78.1
78.6
16.18
82.1
82.6
17.18
86.1
86.7
14.20
74.3
74.8
15.20
78.2
78.7
16.20
82.2
82.7
17.20
86.2
86.8
14.22
74.4
74.9
15.22
78.3
78.8
16.22
82.2
82.8
17.22
86.3
86.9
14.24
74.4
74.9
15.24
78.3
78.9
16.24
82.3
82.9
17.24
86.4
86.9
14.26
74.5
75.0
15.26
78.4
79.0
16.26
82.4
83.0
17.26
86.5
87.0
14.28
74.6
75.1
15.28
78.5
79.0
16.28
82.5
83.0
17.28
86.5
87.1
14.30
74.7
75.2
15.30
78.6
79.1
16.30
82.6
83.1
17.30
86.6
87.2
14.32
74.7
75.3
15.32
78.7
79.2
16.32
82.6
83.2
17.32
86.7
87.3
14.34
74.8
75.3
15.34
78.7
79.3
16.34
82.7
83.3
17.34
86.8
87.4
14.36
74.9
75.4
15.36
78.8
79.3
16.36
82.8
83.4
17.36
86.9
87.4
14.38
75.0
75.5
15.38
78.9
79.4
16.38
82.9
83.4
17.38
86.9
87.5
14.40
75.1
75.6
15.40
79.0
79.5
16.40
83.0
83.5
17.40
87.0
87.6
14.42
75.1
75.6
15.42
79.1
79.6
16.42
83.0
83.6
17.42
87.1
87.7
14.44
75.2
75.7
15.44
79.1
79.7
16.44
83.1
83.7
17.44
87.2
87.8
14.46
75.3
75.8
15.46
79.2
79.7
16.46
83.2
83.8
17.46
87.3
87.9
14.48
75.4
75.9
15.48
79.3
79.8
16.48
83.3
83.8
17.48
87.3
87.9
14.50
75.4
76.0
15.50
79.4
79.9
16.50
83.4
83.9
17.50
87.4
88.0
14.52
75.5
76.0
15.52
79.5
80.0
16.52
83.5
84.0
17.52
87.5
88.1
14.54
75.6
76.1
15.54
79.5
80.1
16.54
83.5
84.1
17.54
87.6
88.2
14.56
75.7
76.2
15.56
79.6
80.1
16.56
83.6
84.2
17.56
87.7
88.3
14.58
75.8
76.3
15.58
79.7
80.2
16.58
83.7
84.3
17.58
87.8
88.3
14.60
75.8
76.3
15.60
79.8
80.3
16.60
83.8
84.3
17.60
87.8
88.4
14.62
75.9
76.4
15.62
79.8
80.4
16.62
83.9
84.4
17.62
87.9
88.5
14.64
76.0
76.5
15.64
79.9
80.5
16.64
83.9
84.5
17.64
88.0
88.6
14.66
76.1
76.6
15.66
80.0
80.5
16.66
84.0
84.6
17.66
88.1
88.7
14.68
76.1
76.7
15.68
80.1
80.6
16.68
84.1
84.7
17.68
88.2
88.8
14.70
76.2
76.7
15.70
80.2
80.7
16.70
84.2
84.7
17.70
88.3
88.8
14.72
76.3
76.8
15.72
80.2
80.8
16.72
84.3
84.8
17.72
88.3
88.9
14.74
76.4
76.9
15.74
80.3
80.9
16.74
84.3
84.9
17.74
88.4
89.0
14.76
76.5
77.0
15.76
80.4
80.9
16.76
84.4
85.0
17.76
88.5
89.1
14.78
76.5
77.1
15.78
80.5
81.0
16.78
84.5
85.1
17.78
88.6
89.2
14.80
76.6
77.1
15.80
80.6
81.1
16.80
84.6
85.1
17.80
88.7
89.3
14.82
76.7
77.2
15.82
80.6
81.2
16.82
84.7
85.2
17.82
88.7
89.3
14.84
76.8
77.3
15.84
80.7
81.3
16.84
84.7
85.3
17.84
88.8
89.4
14.86
76.9
77.4
15.86
80.8
81.3
16.86
84.8
85.4
17.86
88.9
89.5
14.88
76.9
77.4
15.88
80.9
81.4
16.88
84.9
85.5
17.88
89.0
89.6
14.90
77.0
77.5
15.90
81.0
81.5
16.90
85.0
85.6
17.90
89.1
89.7
14.92
77.1
77.6
15.92
81.0
81.6
16.92
85.1
85.6
17.92
89.2
89.8
14.94
77.2
77.7
15.94
81.1
81.7
16.94
85.1
85.7
17.94
89.2
89.8
14.96
77.2
77.8
15.96
81.2
81.7
16.96
85.2
85.8
17.96
89.3
89.9
14.98
77.3
77.8
15.98
81.3
81.8
16.98
85.3
85.9
17.98
89.4
90.0
D 2161
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com