Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP5000 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # TP5000
Description  Redundant hardware: inputs, outputs,clock, power
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TP5000 Datasheet(HTML) 2 Page - Microsemi Corporation

  TP5000 Datasheet HTML 1Page - Microsemi Corporation TP5000 Datasheet HTML 2Page - Microsemi Corporation TP5000 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DATA SHEET
GNSS INPUT OPTIONS
• 1 x GPS
• 1 x GPS and 1 x GPS/Beidou
• 2 x GPS
• All use antenna type: L1 band
INPUTS
• 2 x E1 (2.048 Mbps and 2.048 MHz)
• 2 x T1 (1.544 Mbps and 1.544 MHz)
• 2 x 1PPS and TOD
OUTPUTS
• 2 x GigE output per IOC (optical and electrical)
supporting PTP, NTP, and SyncE
• 4 x E1 (2.048 Mbps and 2.048 MHz)
• 2 x T1 (1.544 Mbps and 1.544 MHz)
• 1 x 10MHz
• 1 x 1 PPS
PHYSICAL SPECIFICATIONS
• Dimensions: 44mm H x 483mm W x 435mm D
(1.75” H x 19” W x 17” D)
• Weight: 4.4 kg (9.6 lbs)
POWER REQUIREMENTS
• - 38.4 VDC to -75 VDC (dual redundant)
@ 43W typical
ENVIRONMENTAL SPECIFICATIONS
• Operating temperature: -5°C to +45°C
• Storage temperature: -40°C to +70°C
• Humidity: 5% to 100% w/condensation
TIME STAMP PRECISION
• <10 ns rms typical
HARDWARE MODULES
• I/O Module (includes 4 x I/O ports)
• IMC Module
• IOC (Quartz) Module
• IOC (Rubidium) Module
FREQUENCY ACCURACY
• Tracking to GPS: PRS/PRC quality
• Holdover (over constant temperature):
- Rubidium (G.812 type II) <1x10-11/day
- Quartz (G.812 type I) <1x10-10/day
TIME ACCURACY
• Tracking to GPS : <100ns when locked to GPS,
PRTC compliant
• Holdover (over constant temperature):
- Rubidium (G.812 type II): 10 μsec over 5 days
- Quartz (G.812 type I): 10 μsec over 1 day
CLIENT CAPACITY
• PTP: 500 clients per port, 1000 per IOC card, at 128
messages per second rate (L3, unicast)
• PTP with NTP option
- One port with PTP: 1000 clients
- One port with NTP: 20,000 transactions per second
NTP SERVER OPTION
• Stratum 1 sever via GPS
• Up to maximum 20,000 transactions per second
PTP PROBE OPTION
• PDV measurements
• Supports L3 unicast, L3 multicast, L2 multicast
OTHER SW LICENSE OPTIONS
-500 VLAN license
-L2/L3 Multicast PTP and 2-step clock license
-NTP server with 20,000 TPS license
-NTP server with 120,000 TPS license
-TimeProvider Expansion10 16 port license (adds
availability of ports 9-16 to standard 8 ports)
-SNMP v2c, v3 license
PROTOCOLS
• IEEE 1588-2008 (PTP)
• NTPv4 (option)
• IPv4
• DHCP
• SFTP, FTP
• DiffServ/DSCP
• VLAN (up to 16)
• TELNET
• SYSLOG
• RADIUS
• SSH
MANAGEMENT
• CLI
• SNMP v2c, v3 (optional)
• TimePictra (purchased separately)
INDUSTRY STANDARDS/REQUIREMENTS
• ITU G.811, G.812, G.823, G.8261, G.8272
• G.703, G.704, ETSI 300/Class 3.1
CERTIFICATIONS
• CE certified
- CISPR22
- Safety – CB Scheme 60950-1 2nd edition
• EMC
- FCC part 15 AS/NZS Class B, EN300 386,
EN55022/24, CISPR22, KN55022/24
- NEBS GR-1089 section 2 and 3
• Environmental
- ETSI (EN55022/EN55024) EN300019, Class T3.2
- NEBS w/exclusion of GR-63 4.2, 4.5
• Safety
- UL/cUL 60950-1, IEC 60950-1 CB,
EN60950-1 2nd edition
• RoHS
- 6 of 6 RoHS
Ethernet
Ethernet Switch
Radio Node Controller/
Base Station Controller
GPS
Antenna
Ethernet
Ethernet
Ethernet
Ethernet
Ethernet
Ethernet
Ethernet
Ethernet
TP 500 Client
TP 500 Client
Remote Mgmt. Access
TimeProvider 5000
Grandmaster Clock
Node B/BTS
Node B/BTS
Node B/BTS
Node B/BTS
Node B/BTS
Embedded
IEEE 1588 Client
Embedded
IEEE 1588 Client
Embedded
IEEE 1588 Client
TimeProvider® 5000
Specifications
..
..
..
Typical wireless backhaul application utilizing the TimeProvider 5000 Grandmaster Clock with fully redundant, carrier-class architecture
to provide precise timing and frequency for remote base stations over a packet-based Ethernet network infrastructure.
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
.
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
.
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com